Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2989IMM-3.3/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP2989IMM-3.3/NOPB
Description  Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2989IMM-3.3/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP2989IMM-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 18Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 19Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 20Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 21Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 22Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 23Page - Texas Instruments LP2989IMM-3.3/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Ground
VOUT
VIN
Input
Capacitor
Output
Capacitor
BYPASS
N/C
GROUND
IN
OUT
SHUTDOWN
SENSE
ERROR
Error Pullup
Resistor
VOUT
LP2989
SNVS083O – FEBRUARY 2005 – REVISED MARCH 2015
www.ti.com
9 Power Supply Recommendations
The LP2989 is designed to operate from an input voltage supply range from 2.1 V to 16 V. The input voltage
range provides adequate headroom for the device to have a regulated output. This input supply must be well
regulated. If the input supply is noisy, additional input capacitors with low ESR can help improve the output noise
performance.
10 Layout
10.1 Layout Guidelines
For best overall performance, place all circuit components on the same side of the circuit board and as near as
practical to the respective LDO pin connections. Place ground return connections to the input and output
capacitor, and to the LDO ground pin as close to each other as possible, connected by a wide, component-side,
copper surface. The use of vias and long traces to create LDO circuit connections is strongly discouraged and
negatively affects system performance. This grounding and layout scheme minimizes inductive parasitics, and
thereby reduces load-current transients, minimizes noise, and increases circuit stability. A ground reference
plane is also recommended and is either embedded in the PCB itself or located on the bottom side of the PCB
opposite the components. This reference plane serves to assure accuracy of the output voltage, shield noise,
and behaves similar to a thermal plane to spread (or sink) heat from the LDO device. In most applications, this
ground plane is necessary to meet thermal requirements.
10.2 Layout Example
Figure 44. Layout Example
20
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LP2989



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com