Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN2470 Datasheet(PDF) 3 Page - Microchip Technology

Part # DN2470
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2470 Datasheet(HTML) 3 Page - Microchip Technology

  DN2470 Datasheet HTML 1Page - Microchip Technology DN2470 Datasheet HTML 2Page - Microchip Technology DN2470 Datasheet HTML 3Page - Microchip Technology DN2470 Datasheet HTML 4Page - Microchip Technology DN2470 Datasheet HTML 5Page - Microchip Technology DN2470 Datasheet HTML 6Page - Microchip Technology DN2470 Datasheet HTML 7Page - Microchip Technology DN2470 Datasheet HTML 8Page - Microchip Technology DN2470 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 2015 Microchip Technology Inc.
DS20005410A-page 3
DN2470
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS†
Drain-to-source voltage................................................................................................................................................................ BVDSX
Drain-to-gate voltage....................................................................................................................................................................BVDGX
Gate-to-source voltage................................................................................................................................................................... ±20V
Operating and storage temperature............................................................................................................................. -55°C to +150°C
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated. Pulse test: 300 µs pulse, 2% duty cycle.
2: Specification is obtained by characterization and is not 100% tested.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC AND AC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, for all specifications TA =TJ = +25°C
Parameter
Symbol
Min
Typ
Max
Units Conditions
DC Parameters (Note 1, unless otherwise stated)
Drain-to-source breakdown voltage
BVDSX
700
–
–
V
VGS = -5.0V, ID= 100µA
Gate-to-source off voltage
VGS(OFF)
-1.5
–
-3.5
V
VDS = 25V, ID= 10µA
Change in VGS(OFF) with tempera-
ture
∆VGS(OFF)
–
–
-4.5
mV/°C VDS = 25V, ID= 10µA ((Note 2)
Gate body leakage current
IGSS
–
–
100
nA
VGS = ±20V, VDS= 0V
Drain-to-source leakage current
ID(OFF)
––
1.0
µA
VDS = BVDSX, VGS = -10V
––
1.0
mA
VDS = 0.8 BVDSX,
VGS = -10V, TA= 125°C ((Note 2)
Saturated drain-to-source current
IDSS
–500
-
mA
VGS = 0V, VDS= 25V
Static drain-to-source on-state
resistance
RDS(ON)
––
42
Ω
VGS = 0V, ID= 100mA
Change in RDS(ON) with temperature
∆RDS(ON)
––
1.1
%/°C VGS= 0V, ID= 100mA (Note 2)
AC Parameters (Note 2)
Forward transconductance
GFS
100
–
–
mmho VDS= 10V, ID= 100mA
Input capacitance
CISS
–
–
540
pF
VGS= -10V, VDS= 25V,
f = 1.0 MHz
Common source output capaci-
tance
COSS
––
60
Reverse transfer capacitance
CRSS
––
25
Turn-on delay time
td(ON)
––
30
ns
VDD= 25V,
ID= 100mA,
RGEN= 25Ω,
Rise time
tr
––
45
Turn-off delay time
td(OFF)
––
45
Fall time
tf
––
60
Diode Parameters
Diode forward voltage drop
VSD
––
1.8
V
VGS= -5.0V, ISD= 200mA (Note 1)
Reverse recovery time
trr
–800
–
ns
VGS= -5.0V, ISD= 200mA (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com