Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN2470 Datasheet(PDF) 5 Page - Microchip Technology

Part # DN2470
Description  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2470 Datasheet(HTML) 5 Page - Microchip Technology

  DN2470 Datasheet HTML 1Page - Microchip Technology DN2470 Datasheet HTML 2Page - Microchip Technology DN2470 Datasheet HTML 3Page - Microchip Technology DN2470 Datasheet HTML 4Page - Microchip Technology DN2470 Datasheet HTML 5Page - Microchip Technology DN2470 Datasheet HTML 6Page - Microchip Technology DN2470 Datasheet HTML 7Page - Microchip Technology DN2470 Datasheet HTML 8Page - Microchip Technology DN2470 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 2015 Microchip Technology Inc.
DS20005410A-page 5
DN2470
3.0
APPLICATION INFORMATION
Figure 3-1 shows the switching waveform and test cir-
cuit for DN2450.
FIGURE 3-1:
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
Pulse
Generator
VDD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
r
INPUT
INPUT
OUTPUT
0V
VDD
R
GEN
0V
-10V
t
f
Product Summary
BVDSX/BVDGX
(V)
RDS(ON)
(max) (Ω)
IDSS
(typ) (mA)
700
42
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com