Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 39 Page - Texas Instruments

Part # TLC320AD50C/I
Description  SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 35Page - Texas Instruments TLC320AD50C/I Datasheet HTML 36Page - Texas Instruments TLC320AD50C/I Datasheet HTML 37Page - Texas Instruments TLC320AD50C/I Datasheet HTML 38Page - Texas Instruments TLC320AD50C/I Datasheet HTML 39Page - Texas Instruments TLC320AD50C/I Datasheet HTML 40Page - Texas Instruments TLC320AD50C/I Datasheet HTML 41Page - Texas Instruments TLC320AD50C/I Datasheet HTML 42Page - Texas Instruments TLC320AD50C/I Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
4–6
4.4.2
Slave Mode Timing Requirements
MIN
NOM
MAX
UNIT
td4
Delay time, SCLK
↑ to FS↓
0
tsu2
Setup time, DIN, before SCLK low
20
th2
Hold time, DIN, after SCLK low
20
td(FL–FDL)
Delay time, FS low to FSD low, (see Figure 5–2)
40
ns
td(CH–FDL) Delay time, SCLK high to FSD low, slave mode (see Figure 5–3)
50
twH
Pulse duration, MCLK high
32
twL
Pulse duration, MCLK low
20
4.4.3
Master Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td2
Delay time, SCLK
↑ to DOUT
20
ten1
Enable time, FS
↓ to DOUT
CL = 20 pF
25
ns
tdis1
Disable time, FS
↑ to DOUT Hi-Z
20
4.4.4
Slave Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td5
Delay time, SCLK
↑ to DOUT
20
ten2
Enable time, FS
↓ to DOUT
CL = 20 pF
25
ns
tdis2
Disable time, FS
↑ to DOUT Hi-Z
20
4.4.5
Reset Timing
PARAMETER
MIN
TYP
MAX
UNIT
tPW
Reset pulsewidth
6 MCLKs
ns
4.4.6
Other
PARAMETER
MIN
TYP
MAX
UNIT
tsu3
Setup time, FC before FS
↑
10
ns
th3
Hold time, FC after FS
↑
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com