Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AD50C/I Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC320AD50C/I
Description  SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 4Page - Texas Instruments TLC320AD50C/I Datasheet HTML 5Page - Texas Instruments TLC320AD50C/I Datasheet HTML 6Page - Texas Instruments TLC320AD50C/I Datasheet HTML 7Page - Texas Instruments TLC320AD50C/I Datasheet HTML 8Page - Texas Instruments TLC320AD50C/I Datasheet HTML 9Page - Texas Instruments TLC320AD50C/I Datasheet HTML 10Page - Texas Instruments TLC320AD50C/I Datasheet HTML 11Page - Texas Instruments TLC320AD50C/I Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
1–1
1 Introduction
The TLC320AD50C, TLC320AD50I, and TLC320AD52C provide high-resolution signal conversion from
digital-to-analog (D/A) and from analog-to-digital (A/D) using oversampling sigma- delta technology. This device
consists of a pair of 16-bit synchronous serial conversion paths (one for each direction) and includes an interpolation
filter before the DAC and a decimation filter after the ADC. Other overhead functions on the chip include timing
(sample rate, FSD delay) and control (programmable gain amplifier, PLL, communication protocol, etc.). The
sigma-delta architecture produces high resolution A/D and D/A conversion at a low system cost.
Programmable functions of this device can be selected through the serial interface. Options include reset, power
down, communications protocol, signal sampling rate, gain control, and system test modes (see section 6). The
TLC320AD50C and TLC320AD52C are characterized for operation from 0
°C to 70°C, and the TLC320AD50I is
characterized for operation from –40
°C to 85°C.
1.1
Features
•
General-purpose analog interface circuit for V.34 + modem and business audio applications
•
16-bit oversampling sigma-delta ADC and DAC
•
Serial port interface
•
Typical 89-dB SNR (signal-to-noise ratio) for ADC and DAC
•
Typical 90-dB THD (signal to total harmonic distortion) for ADC and DAC
•
Typical 88-dB dynamic range
•
Test mode that includes a digital loopback test and analog loopback test
•
Programmable A/D and D/A conversion rate
•
Programmable input and output gain control
•
Maximum conversion rate: 22.05 kHz
•
Single 5-V power supply voltage or 5-V analog and 3-V digital power supply voltage
•
Power dissipation (PD) of 120 mW rms typical in the operating mode
•
Hardware power-down mode to 7.5 mW
•
Internal reference voltage (Vref)
•
Differential architecture throughout device
•
TLC320AD50C/I can support up to three slave devices; TLC320AD52C can support one slave
•
2s complement data format
•
ALTDATA terminal provides data monitoring
•
Monitor amplifier to monitor input signals
•
On-chip phase locked loop (PLL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com