Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL-162JL Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # BCL-162JL
Description  Broadband Conical Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BCL-162JL Datasheet(HTML) 3 Page - Coilcraft lnc.

  BCL-162JL Datasheet HTML 1Page - Coilcraft lnc. BCL-162JL Datasheet HTML 2Page - Coilcraft lnc. BCL-162JL Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Broadband Conical Inductors
Document 334L-3
Document 334L-3 Revised 06/27/13
Return Loss
0
10
20
30
40
50
0.05
10
515253545
20
30
40
Frequency (GHz)
-272
0
10
20
30
40
50
0.05
10
515253545
20
30
40
Frequency (GHz)
-632
0
10
20
30
40
50
0.05
10
515253545
20
30
40
Frequency (GHz)
-652
0
10
20
30
40
50
0.05
10
515253545
20
30
40
Frequency (GHz)
-802
Insertion Loss
Response curves measured in a bias tee configuration with an Agilent/
HP 8722ES network analyzer.
Port 1
1
2
Port 2
0
0.5
1.0
1.5
2.0
2.5
0.05
10
515253545
20
30
40
Frequency (GHz)
-272
0
0.5
1.0
1.5
2.0
2.5
0.05
10
515253545
20
30
40
Frequency (GHz)
-632
0
0.5
1.0
1.5
2.0
2.5
0.05
10
515253545
20
30
40
Frequency (GHz)
-652
0
0.5
1.0
1.5
2.0
2.5
0.05
10
515253545
20
30
40
Frequency (GHz)
-802



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com