Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCL-162JL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # BCL-162JL
Description  Broadband Conical Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BCL-162JL Datasheet(HTML) 1 Page - Coilcraft lnc.

  BCL-162JL Datasheet HTML 1Page - Coilcraft lnc. BCL-162JL Datasheet HTML 2Page - Coilcraft lnc. BCL-162JL Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Broadband Conical Inductors
Document 334L-1
Document 334L-1 Revised 06/27/13
Part
Inductance1
DCR max
Irms2
Weight
number
±5% (µH)
(Ohms)
(mA)
mg
BCL-221JL
0.22
0.10
1200
10.2
BCL-531JL
0.53
0.15
1060
19.8
BCL-122JL
1.20
1.05
270
5.1
BCL-162JL
1.65
0.60
490
17.1
BCL-232JL
2.35
1.61
270
8.5
BCL-272JL
2.75
0.40
675
67.2
BCL-632JL
6.35
0.92
480
81.0
BCL-652JL
6.50
0.70
650
151
BCL-802JL
8.00
3.39
230
25.3
1. Inductance measured at 10 MHz, 0.1 Vrms, 0 Adc using an Agilent/
HP 4286A LCR meter and a Coilcraft CCF 1111 fixture.
2. Current that causes a 40°C rise from 25°C ambient.
3. Electrical specifications at 25°C.
Terminations Tin-silver-copper (96.5/3/0.5) over copper
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
125°C with derated current
Storage temperature Component: –40°C to +125°C
Tape and reel packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 25 per tray
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Designed specifically for broadband and high frequency
applications.
• Operates as a series of narrow-band inductors throughout
an operating frequency range of 10 MHz up to 40 GHz.
• Ideal for use in ultra-wideband bias Tees, where the conical
inductor provides the path for the DC bias injection or extraction
while isolating the power source from the active device.
• Supplied with “flying leads” that allow adjustment of the
mounting angle.
• For a surface mount version with a self positioning mounting
bracket, consider the BCR series.
Dimensions
A
B max C max D
E
BCL-221 0.008 ±0.002 0.057
0.138
0.166 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
1,45
3,51
4,216 ±0,25
2,54 ±0,25
mm
BCL-531 0.008 ±0.002 0.071
0.179
0.166 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
1,80
4,55
4,216 ±0,25
2,54 ±0,25
mm
BCL-122 0.008 ±0.002 0.045
0.115
0.166 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
1,14
2,92
4,216 ±0,25
2,54 ±0,25
mm
BCL-162 0.008 ±0.002 0.067
0.174
0.166 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
1,70
4,42
4,216 ±0,25
2,54 ±0,25
mm
BCL-232 0.008 ±0.002 0.060
0.150
0.166 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
1,52
3,81
4,216 ±0,25
2,54 ±0,25
mm
BCL-272 0.008 ±0.002 0.107
0.310
0.275 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
2,72
7,87
6,985 ±0,25
2,54 ±0,25
mm
BCL-632 0.008 ±0.002 0.116
0.340
0.275 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
2,95
8,62
6,985 ±0,25
2,54 ±0,25
mm
BCL-652 0.008 ±0.002 0.140
0.435
0.390 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
3,56
11,05
9,906 ±0,25
2,54 ±0,25
mm
BCL-802 0.008 ±0.002 0.074
0.237
0.180 ±0.010 0.100 ±0.010 inches
0,20 ±0,05
1,88
6,02
4,572 ±0,25
2,54 ±0,25
mm
PC board
µ
Optimum mounting angle is application specific.
µ
C
CL
A (ID)
1
E
2
B
D
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - BCL-162JL

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BCL-1012 MOLEX4-BCL-1012 Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2
BCL-1012-PL MOLEX4-BCL-1012-PL Datasheet
244Kb / 2P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Plated
BCL-1012-WP MOLEX4-BCL-1012-WP Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Un-Plated, Wide Pad
BCL-1014 MOLEX4-BCL-1014 Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/4", Un-Plated
BCL-1014-PL MOLEX4-BCL-1014-PL Datasheet
245Kb / 3P
Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/4", Plated
More results

Similar Description - BCL-162JL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
BCS-531JL COILCRAFT-BCS-531JL Datasheet
302Kb / 2P
Broadband Conical Inductors
logo
Token Electronics Indus...
TCWBR6H2.5 TOKEN-TCWBR6H2.5 Datasheet
349Kb / 2P
TCWB Broadband Choke Inductors
logo
Pasternack Enterprises,...
PEWAN1038 PASTERNACK-PEWAN1038 Datasheet
555Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1046 PASTERNACK-PEWAN1046 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1049 PASTERNACK-PEWAN1049 Datasheet
570Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1053 PASTERNACK-PEWAN1053 Datasheet
564Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1056 PASTERNACK-PEWAN1056 Datasheet
549Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1058 PASTERNACK-PEWAN1058 Datasheet
571Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1059 PASTERNACK-PEWAN1059 Datasheet
558Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1061 PASTERNACK-PEWAN1061 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com