Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933SLX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933SLX
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933SLX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3933SLX Datasheet HTML 1Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 2Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 3Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 4Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 5Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 6Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 7Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Description
Pin #
Name
Type
Description
1
FB
Input
Boost Converter Feedback
2
GND_BOOST
Ground
Power Switch Ground
3
SW
Output
Open Drain, Boost Converter Power Switch
4V
DD2
Power
Supply Voltage for Internal Digital Circuits
5
GND2
Ground
Ground Return for V
DD2 (Internal Digital)
6
CLED1
Output
Open Drain, CLED1 Output
7
CLED2
Output
Open Drain, CLED2 Output
8
GND_WLED
Ground
Ground for WLED and CLED Drivers
9
WLED1
Output
Open Drain, White LED1 Output
10
WLED2
Output
Open Drain, White LED2 Output
11
WLED3
Output
Open Drain, White LED3 Output
12
WLED4
Output
Open Drain, White LED4 Output
13
RT
Input
Oscillator Resistor
14
V
DD1
Power
Supply Voltage for Internal Analog Circuits
15
GND1
Ground
Ground
16
V
REF
Output
Internal Reference Bypass Capacitor
17
GND3
Ground
Ground
18
NRST
Logic Input
Low Active Reset Input
19
SS
Logic Input
SPI Slave Select
20
SO
Logic Output
SPI Serial Data Output
21
SI
Logic Input
SPI Serial Data Input
22
SCK
Logic Input
SPI Clock
23
PWM_LED
Logic Input
LED Control for On/Off or Dimming Control
24
V
DD_IO
Power
Supply Voltage for Logic IO Signals
25
GND4
Ground
Ground
26
B2
Output
Open Drain Output, Blue LED 2
27
G2
Output
Open Drain Output, Green LED 2
28
R2
Output
Open Drain Output, Red LED 2
29
GND_RGB
Ground
RGB Driver Ground
30
R1
Output
Open Drain Output, Red LED 1
31
G1
Output
Open Drain Output, Green LED 1
32
B1
Output
Open Drain Output, Blue LED 1
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com