Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933SLX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933SLX
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933SLX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3933SLX Datasheet HTML 7Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 9Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 10Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 11Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 12Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 13Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 14Page - National Semiconductor (TI) LP3933SLX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Boost Converter Typical Performance Characteristics V
IN = 3.6V, VOUT = 5.0V if not
otherwise stated. (Continued)
Battery Current vs Voltage
Battery Current vs Voltage
20080520
20080519
Boost Typical Waveforms at 100 mA Load
Boost Startup with No Load
20080514
20080516
Boost Line Regulation
Boost Load Regulation, 50 mA–100 mA
20080517
20080515
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com