Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SL/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950SL/NOPB
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950SL/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP3950SL/NOPB Datasheet HTML 21Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 22Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 23Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 24Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 25Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 26Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 27Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 28Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
0
-100
kHz
0
8.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-10
-20
-30
-40
-50
-60
-70
-80
-90
BANDPASS
LOWPASS
HIPASS
0
-100
kHz
0
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-10
-20
-30
-40
-50
-60
-70
-80
-90
BANDPASS
LOWPASS
HIPASS
LP3950 AUDIO SYNCHRONIZATION
SYNC_MODE = 1
SYNC_MODE = 0
AMPLITUDE
SYNC.
FREQUENCY
SYNC.
MODE0
MODE1
MODE2
MODE0
MODE1
FASTEST
FAST
MEDIUM
SLOW
FASTEST
FAST
MEDIUM
SLOW
FASTEST
FAST
MEDIUM
SLOW
FASTEST
FAST
MEDIUM
SLOW
FASTEST
FAST
MEDIUM
SLOW
LP3950
www.ti.com
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
Figure 27. LP3950 Audio Synchronization Functionality
MODE CONTROL IN THE FREQUENCY MODE
During the frequency mode (SYNC_MODE = 1) the user can select between two filter options by
MODE_CTRL[1:0] as shown below (Figure 29). User can select the filters based on the music type and light
effect requirements. Filter options: Left figure, wide frequency response; MODE_CTRL[1:0] is set to [00], [10] or
[11]. Right figure, narrow frequency response: MODE_CTRL[1:0] set to [01]. Signal passed through the lowpass
filter is used to control the duty cycle of red LEDs (R1 and/or R2 PWM outputs), the signal passed through the
bandpass filter is used to control green LEDs (G1 and/or G2 PWM outputs) and high pass signal controls blue
LEDs (B1 and/or B2 PWM outputs). Finally, the user can select the desired mapping speed by
SPEED_CTRL[1:0]. Of course, the user can connect any color LED to any output in his/her own application (i.e.
the red output does not need to drive a red LED). Maximum duty cycle is 100% as in the Flash mode (not 33%
as in the normal mode of the pattern generator, which is described in Table 3).
Figure 28. Cross-over Frequency
Figure 29. Cross-over Frequency
Left: Wide Frequency Response
Right: Narrow Frequency Response
MODE CONTROL IN THE AMPLITUDE MODE
During the amplitude synchronization mode (SYNC_MODE = 0) the user can select between three different
amplitude mappings by using MODE_CTRL[1:0] select. These three mapping options give different light
responses as shown in Figure 30. Again, the user can select the desired mapping speed by SPEED_CTRL[1:0].
Maximum duty cycle is 100%. If MODE_CTRL[1:0] = 11 and SYNC_MODE = 0, audio synchronization is
inactive.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com