Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3950SL/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP3950SL/NOPB
Description  Color LED Driver with Audio Synchronizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3950SL/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP3950SL/NOPB Datasheet HTML 27Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 28Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 29Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 30Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 31Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 32Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 33Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 34Page - Texas Instruments LP3950SL/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LP3950
VDD1
VDD2
VDDA
CVDD1
CVDD2
CVDDA
100 nF
100 nF
100 nF
= 2.7V TO 2.9V
CIN
10 PF 4.7 PH
L1
VIN
D1
SW
C110nF
100 nF
ASE
VDD
= 3.0V TO 4.5V
CVDD_IO
VDD_IO
SO
AMODE
COUT
10 PF
FB
R1
G1
B1
R2
RR2
RR3
RR1
RR5
GND1 GND2 GND3
GNDA
GND_RGB
GND_BOOST
DME
AD2
RT 82k
CVREF
100 nF
RT
VREF
AD1
IF_SEL
RSO
100 k:
MICROCONTROLLER
NC
NC
VDDIO
SCK
SI
SS
NRST
PWM_LED
RR4
RB2
RB3
RB1
RG2
RG3
RG1
RR6
G2
RG4
RG5
RB4
RB5
B2
BACKLIGHT LEDS
KEYPAD LEDS
AUDIO SYNC. FUNLIGHT
R1
10 k:
+
-
R4
100 k:
R2
100 k:
R3
100 k:
= 2.7V TO 2.9V
VDD
LMV321
C4
100 nF
SINGE ENDED
AUDIO SIGNAL
LP3950
www.ti.com
SNVS331C – NOVEMBER 2004 – REVISED APRIL 2013
Figure 34. Backlight and Keypad LEDs Controlled by the Pattern Generator
Funlight LEDs Controlled by Audio Synchronization
There may be cases where the audio input signal going into the LP3950 is too weak for audio synchronization.
This figure presents a single-supply inverting amplifier connected to the ASE input for audio signal amplification.
The amplification is +20 dB, which is well enough for 20 mVp-p audio signal. Because the amplifier (LMV321) is
operating in single supply voltage, a voltage divider using R3 and R4 is implemented to bias the amplifier so the
input signal is within the input common-mode voltage range of the amplifier. The capacitor C4 is placed between
the inverting input and resistor R1 to block the DC signal going into the audio signal source. The values of R1 and
C4 affect the cutoff frequency, fc = 1/(2*Pi*R1*C4), in this case it is around 160 Hz. As a result, the LMV321
output signal is centered around mid-supply, that is VDD/2. The output can swing to both rails, maximizing the
signal-to-noise ratio in a low voltage system
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP3950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com