Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3987 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3987
Description  Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3987 Datasheet(HTML) 4 Page - Texas Instruments

  LP3987 Datasheet HTML 1Page - Texas Instruments LP3987 Datasheet HTML 2Page - Texas Instruments LP3987 Datasheet HTML 3Page - Texas Instruments LP3987 Datasheet HTML 4Page - Texas Instruments LP3987 Datasheet HTML 5Page - Texas Instruments LP3987 Datasheet HTML 6Page - Texas Instruments LP3987 Datasheet HTML 7Page - Texas Instruments LP3987 Datasheet HTML 8Page - Texas Instruments LP3987 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LP3987
SNVS164G – OCTOBER 2001 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
Unless otherwise specified: VEN = 1.8V, MODE = 1.8V, VIN = VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF.
Typical values and limits appearing in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation,
−40°C to +125°C.
(1) (2)
Limit
Parameter
Test Conditions
Typ
Unit
Min
Max
Output Voltage Tolerance
IOUT = 1mA, 25°C
-2
2
% of
VOUT(nom)
IOUT = 1mA
−3
3
Line Regulation Error
VIN = (VOUT(nom) + 0.5V) to 6.0V,
−0.1
0.1
%/V
IOUT = 1 mA
ΔVOUT
Load Regulation Error
IOUT = 1mA to 150 mA
0.0004
0.002
%/mA
Dropout Voltage(3)
IOUT = 1mA
0.4
2
mV
IOUT = 150mA
60
100
ΔVOUT(SLEEP)
Output Voltage difference at
MODE = 0V, (4)
-150
+100
mV
MODE = 0V
Transient
Line Transient Response(5)
MODE = 1.8V, ILOAD = 100mA, TRISE
21
mVpp
Response
= TFALL = 10µS,
VIN = 600mV P-P AC Square wave,
(6)
Load Transient Response(5)
MODE = 1.8V, COUT = 4.7µF, TRISE =
100
mVpk
TFALL = 100nS,
VIN = 3.1V, 3.6V, 4.2V,
(7) (8)
VIN = VOUT(nom) + 1V, MODE = 1.8V, f
50
= <10 kHz,
IOUT = 1mA
Power Supply Rejection
PSRR
dB
Ratio(5)
VIN = VOUT(nom) + 1V, MODE = 0V, f =
10
<10 kHz,
IOUT = 1mA
IQ(ON)
Quiescent Current
MODE = 1.8V, IOUT = 0mA, VIN =
85
120
4.2V
µA
MODE = 1.8V, IOUT = 150mA, VIN =
160
200
4.2V
IQ(OFF)
Quiescent Current
ENABLE = 0V, VIN = 4.2V
1
3
µA
IQ(SLEEP)
Current in Standby Mode
MODE = 0V, IOUT = 50µA, VIN = 4.2V
14
21
µA
ISC
Short Circuit Current Limit(5)
Output Grounded
600
mA
ISC(SLEEP)
Short Circuit Current in Sleep
Output Grounded
28
43
mA
MODE
IOUT(ON)
Maximum Output Current at
MODE = 1.8V
150
mA
MODE = 1.8V
IOUT(SLEEP)
Maximum Output Current at
MODE = 0V
3
mA
MODE = 0V
en
Output Noise Voltage(5)
BW = 10 Hz to 100 kHz,
70
µVrms
COUT = 1µF
TSHUTDOWN
Shutdown Temperature(5)
Sleep MODE = 1.8V
155
°C
Logic Control Characteristics
IEN
Maximum Input Current at EN
VEN = 0 and VIN= 6.0V
0.015
µA
VIL
Logic Low Input Threshold
VIN = 3.05 to 6V
0.5
V
VIH
Logic High Input Threshold
VIN = 3.05 to 6V
1.2
V
(1)
Min and Max Limits are verified by design, test, or statistical analysis. Typical (Typ.) numbers are not verified, but do represent the most
likely norm.
(2)
The nominal output voltage, which is labeled VOUT(nom), is the output voltage measured with the input 0.5V above VOUT(nom) and a 1mA
load.
(3)
Dropout voltage is defined as the input to output voltage differential at which the output voltage falls to 100mV below the nominal output
voltage. VIN less than minimum operating voltage may be used for test purposes.
(4)
On/Sleep Mode voltage tolerance and current capability requirement. See Figure 3.
(5)
This electrical specification is specified by design.
(6)
Line Transient response requirement. See Figure 4.
(7)
Load Transient response requirement. See Figure 5.
(8)
During transient recovery, output voltage should not be oscillating.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3987



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com