Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3987 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3987
Description  Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3987 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3987 Datasheet HTML 8Page - Texas Instruments LP3987 Datasheet HTML 9Page - Texas Instruments LP3987 Datasheet HTML 10Page - Texas Instruments LP3987 Datasheet HTML 11Page - Texas Instruments LP3987 Datasheet HTML 12Page - Texas Instruments LP3987 Datasheet HTML 13Page - Texas Instruments LP3987 Datasheet HTML 14Page - Texas Instruments LP3987 Datasheet HTML 15Page - Texas Instruments LP3987 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LP3987
SNVS164G – OCTOBER 2001 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, CIN = COUT = 1 µF Ceramic, VIN = VOUT(nom) + 0.5V, TA = 25°C, Enable pin is tied to VIN, MODE =
1.8V.
Line Transient Response
Line Transient Response
Figure 36.
Figure 37.
Line Transient Response
Line Transient Response
Figure 38.
Figure 39.
12
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3987



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com