Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207G Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FR207G
Description  FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FR207G Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FR207G Datasheet HTML 1Page - SUNMATE electronic Co., LTD FR207G Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR207G
FR206G
FR205G
FR204G
FR203G
FR202G
FR201G
FR201G - FR207G
Case:DO-15 Molded Plastic
CURRENT: 2.0 A
VOLTAGE RANGE: 50 - 1000V
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Reliability
!
High Surge Current Capability
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.2
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
150
250
500
nS
Typical Junction Capacitance (Note 3)
Cj
30
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
FAST RECOVERYGLASS PASSIVATED RECTIFIER DIODES
Glass passivated device
!
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
1 of 2
www.sunmate.tw


Similar Part No. - FR207G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR207G RECTRON-FR207G Datasheet
24Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207G JGD-FR207G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Bytes
FR207G BYTES-FR207G Datasheet
153Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Lunsure Electr...
FR207G CHENYI-FR207G Datasheet
125Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Dc Components
FR207G DCCOM-FR207G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR207G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
FR101G SUNMATE-FR101G Datasheet
313Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR151G SUNMATE-FR151G Datasheet
330Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR301G SUNMATE-FR301G Datasheet
261Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
FR601G SUNMATE-FR601G Datasheet
321Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR1001G SUNMATE-PR1001G Datasheet
336Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR1501G SUNMATE-PR1501G Datasheet
287Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR2001G SUNMATE-PR2001G Datasheet
266Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
PR3001G SUNMATE-PR3001G Datasheet
259Kb / 2P
FAST RECOVER Y GLASS PASSIVATED RECTIFIER DIODES
SRGPP3J SUNMATE-SRGPP3J Datasheet
301Kb / 2P
GLASS PASSIVATED FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com