Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV310 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV310
Description  Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV310 Datasheet(HTML) 3 Page - Supertex, Inc

  HV310 Datasheet HTML 1Page - Supertex, Inc HV310 Datasheet HTML 2Page - Supertex, Inc HV310 Datasheet HTML 3Page - Supertex, Inc HV310 Datasheet HTML 4Page - Supertex, Inc HV310 Datasheet HTML 5Page - Supertex, Inc HV310 Datasheet HTML 6Page - Supertex, Inc HV310 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV310
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Sym
Parameter
Min
Typ Max Units Conditions
Current Limit (Referenced to VEE pin)
V
SENSE
Current limit threshold voltage
40
50
60
mV
V
UV = VEE + 1.9V, VOV = VEE + 0.5V
Gate Drive Output (Referenced to VEE pin)
V
GATE
Maximum GATE drive voltage
9.0
10
11
V
V
UV = VEE + 1.9V, VOV = VEE + 0.5V
I
GATEUP
GATE drive pull-up current
500
-
-
µA
V
UV = VEE + 1.9V, VOV = VEE + 0.5V
I
GATEDOWN
GATE drive pull-down current
40
-
-
mA
V
UV = VEE, VOV = VEE + 0.5V
Timing Control (Test Conditions: C =100µF, C
RAMP = 10nF, VUV = VEE +1.9V, VOV = VEE +0.5V, External MOSFET is IRF530
3
)
I
RAMP
Ramp pin output current
-
10
-
µA
V
SENSE = 0V
t
POR
Time from UV to GATE turn on1
2.0
-
-
ms
---
t
RISE
Time from GATE turn on to V
SENSE limit
400
-
-
µs
---
t
LIMIT
Duration of current limit mode
-
-
5.0
ms
---
t
PWRGD
Time from current limit to PWRGD
-
5.0
-
ms
---
V
RAMP
Voltage on ramp pin in current limit mode2
-
3.6
-
V
---
Power Good Output (Referenced to VEE pin)
V
PWRGD
Power good pin breakdown voltage
90
-
-
V
---
Power good pin output low voltage
-
0.5
0.8
V
I
PWRGD = 1.0mA
Dynamic Characteristics
t
GATEHLOV
OV delay
-
-
500
ns
---
t
GATEHLUV
UV delay
-
-
500
ns
---
Electrical Characteristics (V
IN = -10 to -90V, -40°C ≤ TA ≤ +85°C unless otherwise noted)
Notes
This timing depends on the threshold voltage of the external N-Channel MOSFET. The higher its threshold is, the longer this timing.
This voltage depends on the characteristics of the external N-Channel MOSFET. V
GS(th) = 3.0V for an IRF530.
IRF530 is a registered trademark of International Rectifier.
1.
2.
3.
Waveforms
Drain
50V/div
V
IN
50V/div
GATE
5.0V/div
I
INRUSH
500mA/div
5.0ms/div
PWRGD Logic
Device
Condition
PWRGD
HV310
Not Ready
1
Hi Z
Ready
0
V
EE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com