Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV310 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV310
Description  Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV310 Datasheet(HTML) 4 Page - Supertex, Inc

  HV310 Datasheet HTML 1Page - Supertex, Inc HV310 Datasheet HTML 2Page - Supertex, Inc HV310 Datasheet HTML 3Page - Supertex, Inc HV310 Datasheet HTML 4Page - Supertex, Inc HV310 Datasheet HTML 5Page - Supertex, Inc HV310 Datasheet HTML 6Page - Supertex, Inc HV310 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV310
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Timing Diagram
GND
-48V
VIN
IIN
tSTART
contact
bounce
ILIM
PWRGD
VUVL
tRISE
tPWRGD
VGATE
Initialization
Limiting
Full On
VGATE
VOUT
tLIM
tTH
VRAMP
V
RAMP
V
GATE
inactive
active
V
OUT
V
IN
VGS(th)
VGS(lim)
VEE
tPOR
Functional Block Diagram
LOGIC
V
INT
VDD
UV
OV
VEE
SENSE
GATE
RAMP
V
REF
UVLO
and
POR
Band Gap
Reference
Internal
Supply
Regulator
V
INT
5kΩ
V
INT - 1.2V
Switch
V
REF
2V
REF
Transconductor
Buffer
PWRGD
+
-
10mA
C
C
C
A
C
Automatic
Restart
Delay
Circuit
Breaker
100mV
Note:
V
INT is the internally regulated supply voltage and can range from 9.0 to 11V.
V
GS(th) is the gate threshold voltage of the external pass transistor and may be obtained from its datasheet.
V
GS(lim) is the pass transistor gate-source voltage required to obtain the limit curent. It is dependent on the pass transistor’s characteristics and may
be obtained from the transfer characteristics curves on the transistor datasheet.
g
fs is the transconductance of the pass transistor and may be obtained from its datasheet.
R
FB is the internal feedback resistor and is 5.0kΩ nominal.
1.
2.
3.
4.
5.
I
LIM =
V
SENSE
R
SENSE
t
START = 12V
C
RAMP
I
RAMP
t
TH = VGS(th)
C
RAMP
I
RAMP
t
POR = tSTART + tTH
t
RISE
C
RAMP
g
fs
I
RAMP
-
R
SENSE
0.9I
LIM
R
FB
t
LIM ≈ VIN
C
LOAD -
1
t
RISE
I
LIM
2
t
PWRGD = (VINT - VGS(LIM) - 1.2V)
C
RAMP
I
RAMP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com