Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0740 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HT0740
Description  High Voltage, Isolated MOSFET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0740 Datasheet(HTML) 2 Page - Supertex, Inc

  HT0740_13 Datasheet HTML 1Page - Supertex, Inc HT0740_13 Datasheet HTML 2Page - Supertex, Inc HT0740_13 Datasheet HTML 3Page - Supertex, Inc HT0740_13 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HT0740
Supertex inc.
www.supertex.com
Doc.# DSFP-HT0740
B060413
Absolute Maximum Ratings
Parameter
Value
Input to output isolation voltage, V
ISO
±400V
Logic input voltage, V
IN
-0.5 to +7.0V
Operating temperature
-40°C to +85°C
Storage temperature
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Pin Configuration
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
IH
Logic input high voltage
3.15
-
5.5
V
---
V
IL
Logic input low voltage
0
-
0.5
V
---
T
A
Operating temperature
-40
-
+85
O
C
---
DC Electrical Characteristics
I
H
Logic high input current
-
-
500
µA
V
IN = 5.0V
I
L
Logic low input current (quiescent)
-
-
10
µA
V
IN = 0.5V
V
OUT
Output voltage across output terminals
4.5
-
-
V
V
IN = 3.15V, no load
8.5
-
-
V
V
IN = 4.50V, no load
V
IN
Input voltage for zero output
-
-
0.8
V
No load
V
ISO
Input to output isolation voltage
±400
-
-
V
---
AC Electrical Characteristics
t
d(ON)
Turn-on delay time
-
-
50
µs
See timing diagram and test
circuit
C
L = 600pF, TA = 25°C
t
r
Rise time
-
-
650
µs
t
d(OFF)
Turn-off delay time
-
-
150
µs
t
f
Fall time
-
-
3.0
ms
VIN
NC
-VOUT
+VOUT
1
2
3
4
8
7
6
5
NC
GND
NC
NC
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
HT07
LLLL
Product Marking
8-Lead SOIC (Narrow Body)
(top view)
8-Lead SOIC (Narrow Body)
Package may or may not include the following marks: Si or
Ordering Information
Part Number Package Option
Packing
HT0740LG-G 8-Lead SOIC (Narrow Body)
2500/Reel
Typical Thermal Resistance
Package
θ
ja
8-Lead SOIC (Narrow Body)
101OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com