Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0740 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HT0740
Description  High Voltage, Isolated MOSFET Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0740 Datasheet(HTML) 1 Page - Supertex, Inc

  HT0740_13 Datasheet HTML 1Page - Supertex, Inc HT0740_13 Datasheet HTML 2Page - Supertex, Inc HT0740_13 Datasheet HTML 3Page - Supertex, Inc HT0740_13 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
HT0740
Doc.# DSFP-HT0740
B060413
Features
► ±400V input to output isolation
► Low input logic current, 500µA max
► No external voltage supply required
► Floating isolated output drivers
► 5.0V logic compatible
Applications
► Telecommunications
► Modems
► Solid state relays
► High side switches
► High end audio switches
► Avionics
► ATE
General Description
The Supertex HT0740 is a single channel, high voltage, low
input current, isolated driver utilizing Supertex’s proprietary
HVCMOS® technology. It is designed to drive discrete
MOSFETs, configured as high side switches, up to 400V.
The HT0740 generates an independent DC isolated voltage
across the pair of outputs when the logic input is at a logic
high. The HT0740 does not require any external power
supplies. The internal supply voltage is supplied from the
logic input when it is in the high state.
Block Diagram
High Voltage,
Isolated MOSFET Driver
V
ISO
R = 158kΩ ± 47%
Logic
&
Internal
Clock
Driver
+
VOUT
-
Isolation Barrier
10R
R
R
4
3
1
7
VIN
GND


Similar Part No. - HT0740_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0740LG SUTEX-HT0740LG Datasheet
72Kb / 3P
High Voltage Isolated MOSFET Driver
HT0740LG SUTEX-HT0740LG Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740LG-G SUTEX-HT0740LG-G Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
logo
Microchip Technology
HT0740LG-G MICROCHIP-HT0740LG-G Datasheet
369Kb / 12P
High-Voltage Isolated MOSFET Driver
06/23/16
logo
Supertex, Inc
HT0740 SUTEX-HT0740_07 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
More results

Similar Description - HT0740_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0440 SUTEX-HT0440 Datasheet
84Kb / 4P
Dual High Voltage Isolated MOSFET Driver
HT0740 SUTEX-HT0740 Datasheet
72Kb / 3P
High Voltage Isolated MOSFET Driver
logo
Teledyne Technologies I...
TC4803 TELEDYNE-TC4803 Datasheet
359Kb / 5P
1.4A HIGH - SPEED OPTO-ISOLATED POWER MOSFET DRIVER
logo
Supertex, Inc
HT0740 SUTEX-HT0740_07 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0440 SUTEX-HT0440_13 Datasheet
843Kb / 6P
Dual, High Voltage, Isolated MOSFET Driver
logo
Microchip Technology
HT0740 MICROCHIP-HT0740 Datasheet
369Kb / 12P
High-Voltage Isolated MOSFET Driver
06/23/16
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
April, 2021 ??Rev. 0
logo
Analog Devices
ADUM4138 AD-ADUM4138 Datasheet
579Kb / 24P
High Voltage, Isolated IGBT Gate Driver with Isolated Flyback Controller
8/2019-Rev. 0 to Rev. A
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
NCX57080Y ONSEMI-NCX57080Y Datasheet
1Mb / 24P
Isolated High Current IGBT/MOSFET Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com