Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2001 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # PR2001
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

PR2001 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  PR2001 Datasheet HTML 1Page - SUNMATE electronic Co., LTD PR2001 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PR2001 - PR2007
Case: DO-15Molded Plastic
CURRENT: 2.0 A
VOLTAGE RANGE: 50 - 1000V
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Glass Passivated Die Construction
Diffused Junction
Fast Switching for High Efficiency
High Current Capability and Low Forward
Voltage Drop
Low Reverse Leakage Current
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Marking: Type Number
Weight: 0.4 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
PR
PR
PR
PR
PR
PR
PR
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55
°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
80
A
Forward Voltage Drop
@ IF = 2.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
Cj
35
pF
Typical Thermal Resistance Junction to Ambient
RqJA
50
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2001
2002
2003
2004
2005
2006
2007
FAST RECOVERY RECTIFIER DIODES
!
!
!
!
!
!
!
!
!
!
!
1 of 2
www.sunmate.tw
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm


Similar Part No. - PR2001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR2001 DIODES-PR2001 Datasheet
61Kb / 2P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
PR2001 DIODES-PR2001 Datasheet
368Kb / 3P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. 4 - 2
logo
Compact Technology Corp...
PR2001 CTC-PR2001 Datasheet
45Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
PR2001 ZSELEC-PR2001 Datasheet
134Kb / 2P
2.0A FAST RECOVERY DIODE
logo
Diodes Incorporated
PR2001-T DIODES-PR2001-T Datasheet
368Kb / 3P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. 4 - 2
More results

Similar Description - PR2001

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MR850 TAYCHIPST-MR850 Datasheet
3Mb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com