Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5523_16 Datasheet HTML 17Page - Texas Instruments LP5523_16 Datasheet HTML 18Page - Texas Instruments LP5523_16 Datasheet HTML 19Page - Texas Instruments LP5523_16 Datasheet HTML 20Page - Texas Instruments LP5523_16 Datasheet HTML 21Page - Texas Instruments LP5523_16 Datasheet HTML 22Page - Texas Instruments LP5523_16 Datasheet HTML 23Page - Texas Instruments LP5523_16 Datasheet HTML 24Page - Texas Instruments LP5523_16 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
Table 3. Control Register Map (continued)
Hex
Read/
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
Write
After Reset
CURRENT
29
D4 CURRENT CONTROL
[7:0]
R/W
10101111
D4 output current control register. Default current is
17.5 mA (typ.)
CURRENT
2A
D5 CURRENT CONTROL
[7:0]
R/W
10101111
D5 output current control register. Default current is
17.5 mA (typ.)
CURRENT
2B
D6 CURRENT CONTROL
[7:0]
R/W
10101111
D6 output current control register. Default current is
17.5 mA (typ.)
CURRENT
2C
D7 CURRENT CONTROL
[7:0]
R/W
10101111
D7 output current control register. Default current is
17.5 mA (typ.)
CURRENT
2D
D8 CURRENT CONTROL
[7:0]
R/W
10101111
D8 output current control register. Default current is
17.5 mA (typ.)
CURRENT
2E
D9 CURRENT CONTROL
[7:0]
R/W
10101111
D9 output current control register. Default current is
17.5 mA (typ.)
RESERVED FOR
2F TO 35
[7:0]
RESERVED FOR FUTURE USE
FUTURE USE
VARIABLE_D_SEL
[7]
R/W
0xxxxxxx
Variable D source selection
EN_AUTO_INCR
[6]
R/W
x1xxxxxx
Serial bus address auto increment enable
POWERSAVE_EN
[5]
R/W
xx0xxxxx
Powersave mode enable
CP_MODE
36
MISC
[4:3]
R/W
xxx00xxx
Charge pump gain selection
PWM_PS_EN
[2]
R/W
xxxxx0xx
PWM cycle powersave enable
CLK_DET_EN
[1]
R/W
xxxxxx0x
External clock detection
INT_CLK_EN
[0]
R/W
xxxxxxx0
Clock source selection
PC
37
ENGINE1 PC
[6:0]
R/W
x0000000
Program counter for engine 1
PC
38
ENGINE2 PC
[6:0]
R/W
x0000000
Program counter for engine 2
PC
39
ENGINE3 PC
[6:0]
R/W
x0000000
Program counter for engine 3
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com