Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5523 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 3 Page - Texas Instruments

  LP5523_16 Datasheet HTML 1Page - Texas Instruments LP5523_16 Datasheet HTML 2Page - Texas Instruments LP5523_16 Datasheet HTML 3Page - Texas Instruments LP5523_16 Datasheet HTML 4Page - Texas Instruments LP5523_16 Datasheet HTML 5Page - Texas Instruments LP5523_16 Datasheet HTML 6Page - Texas Instruments LP5523_16 Datasheet HTML 7Page - Texas Instruments LP5523_16 Datasheet HTML 8Page - Texas Instruments LP5523_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
PIN DESCRIPTIONS(1) (continued)
Pin
Name
Type
Description
D4
CLK
I
32 kHz clock input. Connect to ground if not used
D5
GND
G
Ground
Current source output 9.
E1
D9
A
Note: powered from VDD
E2
GPO
O
General purpose output. Leave unconnected if not used
E3
TRIG
I/OD
Trigger. Connect to ground if not used
E4
SDA
I/OD
Serial interface data
E5
SCL
I
Serial interface clock
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VDD
−0.3V to +6.0V
Voltage on D1 to D9, C1
−, C1+,
−0.3V to VDD +0.3V
C2
−, C2+, VOUT
with 6.0V max
Continuous Power Dissipation (4)
Internally Limited
Junction Temperature (TJ-MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Soldering)
(5)
ESD Rating
Human Body Model: D1 to D9
8kV (6)
Human Body Model: All Other Pins
2.5kV (6)
Machine Model: All Pins
250V (7)
Charge Device Model: All Pins
1000V (8)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
All voltages are with respect to the potential at the GND pin.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(5)
For detailed soldering specifications and information, please refer to STET Application Note AN1112 : DSBGA Wafer Level Chip Scale
Package SNVA009.
(6)
Human Body Model, applicable standard JESD22-A114C
(7)
Machine Model, applicable standard JESD22- A115-A
(8)
Charge Device Model, applicable standard JESD22A-C101
Recommended Operating Conditions
(1) (2)
VDD Input Voltage Range
2.7V to 5.5V
Voltage on Logic Pins
(Input or Output Pins)
0 to VDD
Recommended Charge Pump Load Current
0 mA to 100 mA
Junction Temperature (TJ) Range
−30°C to +125°C
Ambient Temperature (TA) Range
(3)
−30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com