Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LPV511
Description  Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV511 Datasheet(HTML) 1 Page - Texas Instruments

  LPV511 Datasheet HTML 1Page - Texas Instruments LPV511 Datasheet HTML 2Page - Texas Instruments LPV511 Datasheet HTML 3Page - Texas Instruments LPV511 Datasheet HTML 4Page - Texas Instruments LPV511 Datasheet HTML 5Page - Texas Instruments LPV511 Datasheet HTML 6Page - Texas Instruments LPV511 Datasheet HTML 7Page - Texas Instruments LPV511 Datasheet HTML 8Page - Texas Instruments LPV511 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LPV511
www.ti.com
SNOSAG7C – AUGUST 2005 – REVISED MARCH 2013
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
Check for Samples: LPV511
1
FEATURES
DESCRIPTION
The LPV511 is a micropower operational amplifier
2
(Typical at 3V Supply Unless Otherwise Noted)
that operates from a voltage supply range as wide as
Wide Supply Voltage Range 2.7V to 12V
2.7V to 12V with ensured specifications at 3V, 5V and
Slew Rate 7.7 V/ms
12V. The LPV511 exhibits an excellent speed to
power ratio, drawing only 880 nA of supply current
Supply Current 880 nA
with a bandwidth of 27 kHz. These specifications
Output Short Circuit Current 1.35 mA
make the LPV511 an ideal choice for battery powered
Rail-to-Rail Input
systems that require long life through low supply
current, such as instrumentation, sensor conditioning
Rail-to-Rail Output 100 mV from Rails
and battery current monitoring.
Bandwidth (CL = 50 pF, RL = 1 MΩ) 27 kHz
The LPV511 has an input range that includes both
Unity Gain Stable
supply rails for ground and high side battery sensing
applications. The LPV511 output swings within 100
APPLICATIONS
mV of either rail to maximize the signal's dynamic
Battery Powered Systems
range in low supply applications. In addition, the
output is capable of sourcing 650 µA of current when
Security Systems
powered by a 12V battery.
Micropower Thermostats
The LPV511 is fabricated on TI's advanced VIP50C
Solar Powered Systems
process.
Portable Instrumentation
The LPV511 is available in the space saving SC70
Micropower Filter
package which makes it ideal for portable electronics
Remote Sensor Amplifier
with area constrained PC boards.
Typical Application
Figure 1. High Side Battery Current Sensor
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LPV511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI2-LPV511 Datasheet
1Mb / 26P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
REVISED AUGUST 2016
logo
National Semiconductor ...
LPV511MG NSC-LPV511MG Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511MG/NOPB TI2-LPV511MG/NOPB Datasheet
1Mb / 26P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
REVISED AUGUST 2016
LPV511MG/NOPB.A TI2-LPV511MG/NOPB.A Datasheet
1Mb / 26P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
REVISED AUGUST 2016
More results

Similar Description - LPV511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com