Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet (PDF) - Texas Instruments

LPV511 Datasheet PDF - Texas Instruments
Part # LPV511
Download  LPV511 Download
File Size   1184.68 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier

LPV511 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV511 Datasheet PDF - Texas Instruments

Part # LPV511
Download  LPV511 Click to download

File Size   1184.68 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier

LPV511 Datasheet (HTML) - Texas Instruments


LPV511 Product details

1 Features
1• Wide Supply Voltage Range: 2.7 V to 12 V
• Slew Rate: 7.7 V/ms
• Supply Current: 880 nA
• Output Short-Circuit Current: 1.35 mA
• Rail-to-Rail Input
• Rail-to-Rail Output: 100 mV from Rails
• Bandwidth (CL = 50 pF, RL = 1 MΩ): 27 kHz
• Unity Gain Stable

2 Applications
• Battery Powered Systems
• Security Systems
• Micropower Thermostats
• Solar Powered Systems
• Portable Instrumentation
• Micropower Filters
• Remote Sensor Amplifiers

3 Description
The LPV511 is a micropower operational amplifier
that operates from a voltage supply range as wide as
2.7 V to 12 V with ensured specifications at 3 V, 5 V,
and 12 V. The ultra-low power LPV511 exhibits an
excellent speed to power ratio, drawing only 880 nA
of supply current with a bandwidth of 27 kHz. These
specifications make the LPV511 an ideal choice for
battery-powered systems that require long life
through low supply current, such as instrumentation,
sensor conditioning and battery current monitoring.
The LPV511 has an input range that includes both
supply rails for ground and high-side battery sensing
applications. The LPV511 output swings within 100
mV of either rail to maximize the signal's dynamic
range in low supply applications. In addition, the
output is capable of sourcing 650 μA of current when
powered by a 12-V battery.
The LPV511 is fabricated on TI's advanced VIP50C
process.
The LPV511 is available in the space-saving SC70
package, which makes it ideal for portable electronics
with area-constrained PC boards.




Similar Part No. - LPV511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LPV511MG NSC-LPV511MG Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511MG/NOPB TI1-LPV511MG/NOPB Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LPV511MGX NSC-LPV511MGX Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
More results


Similar Description - LPV511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com