Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 1 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511 Datasheet(HTML) 1 Page - Texas Instruments

  LPV511 Datasheet HTML 1Page - Texas Instruments LPV511 Datasheet HTML 2Page - Texas Instruments LPV511 Datasheet HTML 3Page - Texas Instruments LPV511 Datasheet HTML 4Page - Texas Instruments LPV511 Datasheet HTML 5Page - Texas Instruments LPV511 Datasheet HTML 6Page - Texas Instruments LPV511 Datasheet HTML 7Page - Texas Instruments LPV511 Datasheet HTML 8Page - Texas Instruments LPV511 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
+
±
Load
+
-
Q1
2N3906
VOUT
ICHARGE
V
+
0.2
Ÿ
RSENSE
R1
2
2
R2
10
R3
Copyright © 2016, Texas Instruments Incorporated
3
SENSE R
OUT
CHARGE
CHARGE
1
R
V
I
1
I
R
u
u
: u
0
4
10
0
0.2
0.4
0.6
0.8
1
1.6
SUPPLY VOLTAGE (V)
1.2
1.4
25°C
85ºC
125°C
2
6
8
12
-40°C
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LPV511
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
1
1 Features
1
Wide Supply Voltage Range: 2.7 V to 12 V
Slew Rate: 7.7 V/ms
Supply Current: 880 nA
Output Short-Circuit Current: 1.35 mA
Rail-to-Rail Input
Rail-to-Rail Output: 100 mV from Rails
Bandwidth (CL = 50 pF, RL = 1 MΩ): 27 kHz
Unity Gain Stable
2 Applications
Battery Powered Systems
Security Systems
Micropower Thermostats
Solar Powered Systems
Portable Instrumentation
Micropower Filters
Remote Sensor Amplifiers
3 Description
The LPV511 is a micropower operational amplifier
that operates from a voltage supply range as wide as
2.7 V to 12 V with ensured specifications at 3 V, 5 V,
and 12 V. The ultra-low power LPV511 exhibits an
excellent speed to power ratio, drawing only 880 nA
of supply current with a bandwidth of 27 kHz. These
specifications make the LPV511 an ideal choice for
battery-powered
systems
that
require
long
life
through low supply current, such as instrumentation,
sensor conditioning and battery current monitoring.
The LPV511 has an input range that includes both
supply rails for ground and high-side battery sensing
applications. The LPV511 output swings within 100
mV of either rail to maximize the signal's dynamic
range in low supply applications. In addition, the
output is capable of sourcing 650 µA of current when
powered by a 12-V battery.
The LPV511 is fabricated on TI's advanced VIP50C
process.
The LPV511 is available in the space-saving SC70
package, which makes it ideal for portable electronics
with area-constrained PC boards.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LPV511
SC70 (5)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Supply Current
High-Side Battery Current Sensor


Similar Part No. - LPV511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LPV511MG NSC-LPV511MG Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
LPV511MG/NOPB TI1-LPV511MG/NOPB Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
National Semiconductor ...
LPV511MGX NSC-LPV511MGX Datasheet
836Kb / 14P
880 nA, Rail-to-Rail Input and Output Operational Amplifier
More results

Similar Description - LPV511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV.B
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
OP196 AD-OP196_02 Datasheet
287Kb / 16P
Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com