Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 6 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV511 Datasheet HTML 2Page - Texas Instruments LPV511 Datasheet HTML 3Page - Texas Instruments LPV511 Datasheet HTML 4Page - Texas Instruments LPV511 Datasheet HTML 5Page - Texas Instruments LPV511 Datasheet HTML 6Page - Texas Instruments LPV511 Datasheet HTML 7Page - Texas Instruments LPV511 Datasheet HTML 8Page - Texas Instruments LPV511 Datasheet HTML 9Page - Texas Instruments LPV511 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
LPV511
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics: 3 V (continued)
Unless otherwise specified, all limits are specified for TJ = 25°C, V
+ = 3 V, V− = 0 V, V
CM = VO = V
+/2, and R
L = 100 kΩ to
V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
GBW
Gain bandwidth product
RL = 1 MΩ, CL= 50 pF
27
kHz
Phase margin
RL = 1 MΩ, CL= 50 pF
53
º
en
Input-referred voltage noise
f = 100 Hz
320
nV/
√Hz
in
Input-referred current noise
f = 10 Hz
0.02
pA/
√Hz
f = 1 kHz
0.01
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm at the time of characterization.
(4)
Offset voltage drift is specified by design and/or characterization and is not tested in production. Offset voltage drift is determined by
dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
6.6 Electrical Characteristics: 5 V
Unless otherwise specified, all limits are specified for TJ = 25°C, V
+ = 5 V, V− = 0 V, V
CM = VO = V
+/2, and R
L = 100 kΩ to
V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VOS
Input offset voltage
TJ = 25°C
±0.2
±3
mV
TJ = –40°C to 85°C
±3.8
TC VOS
Input offset voltage drift(4)
TJ = 25°C
±0.3
µV/°C
TJ = –40°C to 85°C
±15
IB
Input bias current(5)
VCM = 0.5 V
TJ = 25°C
–1000
–320
pA
TJ = –40°C to 85°C
–1600
VCM = 4.5 V
TJ = 25°C
110
800
TJ = –40°C to 85°C
1900
IOS
Input offset current
±10
pA
CMRR
Common mode rejection ratio
VCM Stepped from
0 V to 2.5 V
TJ = 25°C
80
115
dB
TJ = –40°C to 85°C
73
VCM Stepped from
4.4 to 5 V
TJ = 25°C
75
107
TJ = –40°C to 85°C
68
VCM Stepped from
0.5 to 4.5 V
TJ = 25°C
65
87
TJ = –40°C to 85°C
62
PSRR
Power supply rejection ratio
V+ = 2.7 V to 5 V,
VCM = 0.5 V
TJ = 25°C
72
114
dB
TJ = –40°C to 85°C
68
V+ = 3 V to 5 V,
VCM = 0.5 V
TJ = 25°C
76
115
TJ = –40°C to 85°C
72
V+ = 5 V to 12 V,
VCM = 0.5 V
TJ = 25°C
84
117
TJ = –40°C to 85°C
80
CMVR
Input common-mode voltage
CMRR
≥ 50 dB
TJ = 25°C
—0.1
5.1
V
TJ = –40°C to 85°C
0
5
AVOL
Large signal voltage gain
Sinking, VO = 4.5 V
TJ = 25°C
78
110
dB
TJ = –40°C to 85°C
73
Sourcing, VO = 0.5 V
TJ = 25°C
78
110
TJ = –40°C to 85°C
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com