Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 12 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV511 Datasheet HTML 8Page - Texas Instruments LPV511 Datasheet HTML 9Page - Texas Instruments LPV511 Datasheet HTML 10Page - Texas Instruments LPV511 Datasheet HTML 11Page - Texas Instruments LPV511 Datasheet HTML 12Page - Texas Instruments LPV511 Datasheet HTML 13Page - Texas Instruments LPV511 Datasheet HTML 14Page - Texas Instruments LPV511 Datasheet HTML 15Page - Texas Instruments LPV511 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
200 Ps/DIV
OUTPUT
INPUT
V
+
= 5V
200 Ps/DIV
OUTPUT
INPUT
V
+
= 5V
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
-30
-10
10
50
70
90
110
130
170
150
30
PHASE
GAIN
CL = 20 pF
CL = 50 pF
CL = 100 pF
V
+
= ±6V
RL = 1 M:
CL = 200 pF
0.1
1
10
100
1k
10k
0
100
200
300
400
500
600
700
800
900
FREQUENCY (Hz)
V
+
= 5V
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
-23
0
23
68
90
113
135
158
203
180
45
PHASE
GAIN
CL = 20 pF
CL = 50 pF
CL = 100 pF
V
+
= 2.7V
RL = 1 M:
CL = 200 pF
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
-23
0
23
68
90
113
135
158
203
180
45
PHASE
GAIN
CL = 20 pF
CL = 50 pF
CL = 100 pF
V
+
= 5V
RL = 1 M:
CL = 200 pF
12
LPV511
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 19. Frequency Response vs CL
Figure 20. Frequency Response vs CL
Figure 21. Frequency Response vs CL
Figure 22. Voltage Noise vs Frequency
Figure 23. Noninverting Small-Signal Pulse Response
Figure 24. Noninverting Large-Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com