Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 17 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LPV511 Datasheet HTML 13Page - Texas Instruments LPV511 Datasheet HTML 14Page - Texas Instruments LPV511 Datasheet HTML 15Page - Texas Instruments LPV511 Datasheet HTML 16Page - Texas Instruments LPV511 Datasheet HTML 17Page - Texas Instruments LPV511 Datasheet HTML 18Page - Texas Instruments LPV511 Datasheet HTML 19Page - Texas Instruments LPV511 Datasheet HTML 20Page - Texas Instruments LPV511 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
R1
R2
R3
V1
V2
V3
RF
VOUT
VREF
-
+
Copyright © 2016, Texas Instruments Incorporated
VOUT = RF ¨
¨
©
§ V
REF - V1
R1
+
VREF - V2
R2
+
VREF - V3
R3
+ VREF
0
1
2
3
4
5
0
1
2
3
4
5
ICHARGE (A)
C001
17
LPV511
www.ti.com
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Applications (continued)
IG also flows through the gain resistor R3 developing a voltage drop equal to:
V3 = IG × R3 = ( VRSENSE / R1 ) × R3 = ( ( RSENSE × ICHARGE ) / R2 ) × R3
(2)
VOUT = (RSENSE × ICHARGE ) × G
where
G = R3 / R1
(3)
8.2.1.3 Application Curve
Figure 29 shows the results of the example current sense circuit.
The error after 4 V where transistor Q1 runs out of headroom and saturates, limiting the upper output swing.
Figure 29. Current Sense Amplifier Results
8.2.2 Summing Amplifier
The LPV511 operational amplifier is a perfect fit in a summing amplifier circuit because of the rail-to-rail input and
output and the sub-micro Amp quiescent current. In this configuration, the amplifier outputs the sum of the three
input voltages.
Equation 4 shows the ratio of the sum and the output voltage is defined using feedback and input resistors.
(4)
Figure 30. Summing Amplifier Circuit
8.3 Dos and Don'ts
Do properly bypass the power supplies.
Do add series resistence to the output when driving capacitive loads, particularly cables, Muxes and ADC inputs.
Do add series current limiting resistors and external Schottky clamp diodes if input voltage is expected to exceed
the supplies. Limit the current to 1 mA or less (1 kΩ per volt).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com