Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 10 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPV511 Datasheet HTML 6Page - Texas Instruments LPV511 Datasheet HTML 7Page - Texas Instruments LPV511 Datasheet HTML 8Page - Texas Instruments LPV511 Datasheet HTML 9Page - Texas Instruments LPV511 Datasheet HTML 10Page - Texas Instruments LPV511 Datasheet HTML 11Page - Texas Instruments LPV511 Datasheet HTML 12Page - Texas Instruments LPV511 Datasheet HTML 13Page - Texas Instruments LPV511 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
1
10
100
1k
10k
FREQUENCY (Hz)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
-200
-100
0
100
200
300
400
500
VCM (V)
25°C
85°C
125°C
-40°C
125°C
V
+
= 12V
0
1
2
3
4
5
-300
-200
-100
0
100
200
300
400
500
VCM (V)
25°C
85°C
125°C
-40°C
125°C
V
+
= 5V
0
0.5
1
1.5
2
2.5
3
VCM (V)
-500
-300
-100
100
300
500
700
85°C
125°C
-40°C
125°C
V
+
= 3V
25°C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
OUTPUT VOLTAGE REFERENCED TO V
+
(V)
25°C
85°C
125°C
-40°C
V
+
= 12V
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
OUTPUT VOLTAGE REFERENCED TO V
-
(V)
25°C
85°C
-40°C
125°C
-40°C
V
+
= 12V
10
LPV511
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 7. Sourcing Current vs Output Voltage
Figure 8. Sinking Current vs Output Voltage
Figure 9. Input Bias Current vs Common Mode Voltage
Figure 10. Input Bias Current vs Common Mode Voltage
Figure 11. Input Bias Current vs Common Mode Voltage
Figure 12. PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com