Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 11 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV511 Datasheet HTML 7Page - Texas Instruments LPV511 Datasheet HTML 8Page - Texas Instruments LPV511 Datasheet HTML 9Page - Texas Instruments LPV511 Datasheet HTML 10Page - Texas Instruments LPV511 Datasheet HTML 11Page - Texas Instruments LPV511 Datasheet HTML 12Page - Texas Instruments LPV511 Datasheet HTML 13Page - Texas Instruments LPV511 Datasheet HTML 14Page - Texas Instruments LPV511 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
RL = 1 M:
RL = 10 M:
V
+
= 5V
CL = 20 pF
180
203
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
RL = 1 M:
RL = 10 M:
V
+
= ±6V
CL = 20 pF
180
203
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
125°C
-40°C
V
+
= ±6V
CL = 20 pF
RL = 1 M:
180
203
25°C
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
RL = 1 M:
RL = 10 M:
V
+
= 2.7V
CL = 20 pF
180
203
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
125°C
-40°C
V
+
= 2.7V
CL = 20 pF
RL = 1 M:
180
203
25°C
-23
0
23
45
68
90
113
135
158
100
1k
10k
100k
1M
FREQUENCY (Hz)
-20
0
20
40
60
80
100
120
140
160
180
PHASE
GAIN
125°C
-40°C
V
+
= 5V
CL = 20 pF
RL = 1 M:
180
203
25°C
11
LPV511
www.ti.com
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Figure 13. Frequency Response vs Temperature
Figure 14. Frequency Response vs Temperature
Figure 15. Frequency Response vs Temperature
Figure 16. Frequency Response vs RL
Figure 17. Frequency Response vs RL
Figure 18. Frequency Response vs RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com