Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV511 Datasheet(PDF) 8 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV511 Datasheet HTML 4Page - Texas Instruments LPV511 Datasheet HTML 5Page - Texas Instruments LPV511 Datasheet HTML 6Page - Texas Instruments LPV511 Datasheet HTML 7Page - Texas Instruments LPV511 Datasheet HTML 8Page - Texas Instruments LPV511 Datasheet HTML 9Page - Texas Instruments LPV511 Datasheet HTML 10Page - Texas Instruments LPV511 Datasheet HTML 11Page - Texas Instruments LPV511 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
LPV511
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics: 12 V (continued)
Unless otherwise specified, all limits are specified for TJ = 25°C, V
+ = 12 V, V− = 0 V, V
CM = VO = V
+/2, and R
L = 100 kΩ to
V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP (3)
MAX (2)
UNIT
(6)
The Short-Circuit Test is a momentary test. See Note 3 in Absolute Maximum Ratings.
(7)
Slew rate is the average of the rising and falling slew rates.
PSRR
Power supply rejection ratio
V+ = 2.7 V to 5 V,
VCM = 0.5 V
TJ = 25°C
72
114
TJ = –40°C to 85°C
68
V+ = 3 V to 5 V,
VCM = 0.5 V
TJ = 25°C
76
115
TJ = –40°C to 85°C
72
V+ = 5 V to 12 V,
VCM = 0.5 V
TJ = 25°C
84
117
TJ = –40°C to 85°C
80
CMVR
Input common-mode voltage
CMRR
≥ 50 dB
TJ = 25°C
−0.1
12.1
V
TJ = –40°C to 85°C
0
12
AVOL
Large signal voltage gain
Sinking, VO = 0.5 V
TJ = 25°C
89
110
dB
TJ = –40°C to 85°C
84
Sourcing, VO = 11.5 V
TJ = 25°C
89
110
TJ = –40°C to 85°C
84
VO
Output swing high
VID = 100 mV
TJ = 25°C
11.8
11.85
V
TJ = –40°C to 85°C
11.72
Output swing low
VID = −100 mV
TJ = 25°C
150
200
mV
TJ = –40°C to 85°C
280
ISC
Output short circuit current(6)
Sourcing
VID = 100 mV
−650
−200
µA
Sinking
VID = −100 mV
200
1300
IS
Supply current
TJ = 25°C
1.2
1.75
µA
TJ = –40°C to 85°C
2.5
SR
Slew rate(7)
AV = 1, VO ramped from 1 V to 11 V
5.25
7
V/ms
3.1
GBW
Gain bandwidth product
RL = 1 MΩ, CL= 50 pF
25
kHz
Phase margin
RL = 1 MΩ, CL= 50 pF
52
°
en
Input-referred voltage noise
f = 100 Hz
320
nV/
√Hz
in
Input-referred current noise
f = 10 Hz
0.02
pA/
√Hz
f = 1 kHz
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com