Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV16W Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAV16W
Description  Silicon Epitaxial Planar Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAV16W Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAV16W Datasheet HTML 1Page - Diode Semiconductor Korea BAV16W Datasheet HTML 2Page - Diode Semiconductor Korea BAV16W Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Epitaxial Planar Diode
BAV16W
FEATURES
Pb
Lead-free
Fast Switching Speed:trr=4ns(Typ)
Surface Mount Package Ideally Suited For
Automatic Insertion
For General Purpose Switching Applications
High Conductance
Available in Lead Free Version
APPLICATIONS
SOD-123
Surface mount fast switching diode
ORDERING INFORMATION
Type No.
Marking
Package Code
BAV16W
T6
SOD-123
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
Io
150
mA
Non-Repetitive Peak Forward Surge Current @t=1.0 μs
@t=1.0 s
IFSM
2.0
1.0
A
Power Dissipation
Pd
400
mW
Thermal Resistance Junction to Ambient Air
RθJA
315
/W
℃
Operating and Storage Temperature Rage
Tj,TSTG
-65 to+150
℃
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAV16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16W PANJIT-BAV16W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAV16W WTE-BAV16W Datasheet
41Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
63Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 7 - 2
logo
Formosa MS
BAV16W FORMOSA-BAV16W Datasheet
116Kb / 2P
SOD-123 Plastic-Encapsulate Dio des
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
88Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 17 - 2
More results

Similar Description - BAV16W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com