Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4151 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # LL4151
Description  SMALL SIGNAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

LL4151 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  LL4151 Datasheet HTML 1Page - Diode Semiconductor Korea LL4151 Datasheet HTML 2Page - Diode Semiconductor Korea LL4151 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10S
1
10
100
V=tp/T
0.1
A
-1
10
IFRM
tp
-2
10
-3
10
-5
10
n=0
0.1
0.2
0.5
T=1/fp
tp
IFRM
T
-4
10
1
TJ=100
TJ=25
-2
10
-1
10
1
10
3
10
mA
IF
V F
2
10
01
2V
200
400
600
800
0
100
200℃
1000
100
300
700
500
900
0
mW
Ptot
TA
FIG.1 -- ADMISSIBLE POWER DISSIPATION
NNNNNN
VERSUS AMBIENT TEMPERATURE
FIG.2 -- FORWARD CHARACTERISTICS
LL4151
FIG.3 -- ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com