Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4151 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # LL4151
Description  SMALL SIGNAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

LL4151 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  LL4151 Datasheet HTML 1Page - Diode Semiconductor Korea LL4151 Datasheet HTML 2Page - Diode Semiconductor Korea LL4151 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
Silicon epitaxial planar diode
High speed switching diode
500 mW power dissipation
Weight:
0.031 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
MAXIMUM RATINGS
UNITS
Reverse voltage
VR
V
Peak reverse voltage
VRM
V
Average forw ard rectified current
half w ave rectification w ith resistive load
VR=0V
Forw ard surge current @ tP=1
µ s
IFSM
A
Pow er dissipation
@ T
A=25
Ptot
mW
Junction temperature
TJ
Storage temperature range
TSTG
ELECTRICAL CHARACTERISTICS
UNITS
Forw ard voltage @ I
F=50mA
VF
V
Leakage current
@ V
R=50V
IR
nA
@ V
R=50V
T
J=150
IR
μA
Capacitance
@ V
R=0V,f=1MH
z,VHF=50mV
CJ
pF
Reverse breakdo
wn voltage
tested with 5μA pulses
Reverse recovery time
from I
F=10mA to IR=10mA to IR=1mA
ns
from I
F=10mA to IR=1mA, VR=6V. RL=100Ω.
ns
Thermal resistance junction to ambient
RθJA
K/W
Rectification efficiency @ 100MHz,V
RF=2V
ηv
-
trr
-
-
MIN
TYP
1501)
175
-55 --- +175
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
4
2
V(BR)R
75.0
-
-
0.45
-
-
5001)
MAX
2
.0
-
-
-
-
IF(AV)
2.0
5001)
mA
-
0.8
1
.0
-
LL4151
MECHANICAL DATA
SMALL SIGNAL SWITCHING DIODE
Case: MINI-MELF,glass case
REVERSE VOLTAGE : 50 V
CURRENT: 0.15 A
Polarity: Color band denotes cathode
MINI-MELF
1)Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
-
50
50
V
LL4151
50
75
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - LL4151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4151 VISHAY-LL4151 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Shanghai Lunsure Electr...
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4151 DIODES-LL4151 Datasheet
49Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30070 Rev. B-2
logo
General Semiconductor
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
LL4151 DIOTEC-LL4151 Datasheet
172Kb / 2P
Surface Mount Silicon Planar Diodes
More results

Similar Description - LL4151

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com