Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ZXC
Description  Z-Axis RFID Transponder Coils ??ZXC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ZXC Datasheet(HTML) 1 Page - Coilcraft lnc.

  ZXC Datasheet HTML 1Page - Coilcraft lnc. ZXC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Z-Axis RFIDTransponderCoils–ZXC
Document 597-1
Document 597-1 Revised 03/24/10
Inductance2
Read
Matching
at 125 kHz
distance3
Sensitivity4
capacitor5
DCR max6
SRF typ7
Part number1
±5% (mH)
Q min2
(inches/cm)
(mV/µT)
(pF)
(Ohms)
(kHz)
ZXC-255XJL_
2.48
57
33/83.8
9.75
654
37
1975
ZXC-495XJL_
4.90
64
33/83.8
18.0
331
43
1370
ZXC-715XJL_
7.10
65
31/78.7
25.0
228
62
1220
ZXC-116XJL_
11.4
60
31/78.7
50.0
142
110
990
ZXC-156XJL_
14.8
55
31/78.7
77.0
110
160
815
1. When ordering, please specify
packaging code:
ZXC-725XJLC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter D instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (2000 parts per full reel).
2. Inductance and Q measured using Agilent/HP 4192A impedance analyzer at 125 kHz. For recommended test procedures, contact Coilcraft.
3. Read distance measured using the KEELOQ® Transponder Evaluation Kit part number DM303005 from Microchip. Distance was recorded as the volt-
age across the resonant circuit dropped below 10 mV.
4. Sensitivity measured in accordance with Coilcraft application note “Measuring Sensitivity of Transponder Coils.”
5. Matching capacitor value required for parallel resonant circuit operating at 125 kHz.
6. DCR measured on micro-ohmmeter.
7. SRF measured using Agilent/HP 8753D network analyzer.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations RoHS matte tin over nickel over phos bronze. Other
terminations available at additional cost.
Weight 0.53–0.56 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +200 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Mean Time Between Failures (MTBF) 26,315,789 hours
Packaging 500/7
″ reel; 2000/13″ reel Plastic tape: 24 mm wide,
0.3 mm thick, 12 mm pocket spacing, 2.24 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Z-axis RFID coil can be used with any of our other RFID coils
for a complete three-dimensional solution.
• Only 10 mm square and 2.2 mm tall
• Four mounting pads for exceptional board adhesion


Similar Part No. - ZXC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ZXC-255XJL COILCRAFT-ZXC-255XJL Datasheet
191Kb / 2P
Z-Axis RFID Transponder Coils
logo
Zetex Semiconductors
ZXCD1000 ZETEX-ZXCD1000 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16TA ZETEX-ZXCD1000EQ16TA Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
More results

Similar Description - ZXC

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
RFID Transponder Coils
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
RFID Transponder Coils
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
RFID Transponder Coils
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
RFID Transponder Coils
ZXC-255XJL COILCRAFT-ZXC-255XJL Datasheet
191Kb / 2P
Z-Axis RFID Transponder Coils
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
Chip RFID Transponder Coils
logo
Coilcraft lnc.
4312RV-905XGLB COILCRAFT-4312RV-905XGLB Datasheet
122Kb / 2P
RFID Transponder Coils - 4312RV
5315TC-725XGLD COILCRAFT-5315TC-725XGLD Datasheet
129Kb / 2P
RFID Transponder Coils - 5315TC
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
RFID Transponder Coils
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
RFID Transponder Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com