Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ZXC
Description  Z-Axis RFID Transponder Coils ??ZXC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ZXC Datasheet(HTML) 2 Page - Coilcraft lnc.

  ZXC Datasheet HTML 1Page - Coilcraft lnc. ZXC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 597-2
Document 597-2 Revised 03/24/10
RFID Transponder Coils – ZXC
Typical Q vs Frequency
Typical L vs Frequency
0
2
4
6
8
10
12
14
16
18
20
0.01
0.1
10
1
Frequency (MHz)
7.10 mH
14.8 mH
2.48 mH
0
20
40
60
80
100
120
0.001
0.01
1
0.1
Frequency (MHz)
7.10 mH
14.8 mH
2.48 mH
0.398
10,1
0.398
10,1
0.192
4,88
0.045
1,14
0.213
5,4
0.065
1,65
0.410
10,41
max
max
max
0.087
2,2
Recommended
Land Pattern
1
1
2
2
See
note
Note: These p
Do not
connect these pads to
circuit or ground.
ads are only for
board adhesion.
123
Dimensions are in
inches
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com