Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9315C Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9315C
Description  15-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9315C Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9315C Datasheet HTML 2Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 3Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 4Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 9Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pulse Mode Electrical Characteristics
FOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IPOH
PO Output Source Current 2.5V VOH=2V
-0.2
¾¾
mA
IPOL
PO Output Sink Current
2.5V VOL=0.5V
0.2
0.6
¾
mA
PR
Pulse Rate
¾
MODE pin is connected to VDD
¾
10
¾
pps
MODE pin is opened
¾
20
¾
M/B
Make/Break Ratio
¾
A resistor is linked
between R2 and C1
¾
33:66
¾
%
No resistor is linked
between R2 and C1
¾
40:60
¾
TPDP
Pre-digit-pause Time
¾
M/B ratio=40:60
¾
40 (10pps)
20 (20pps)
¾
ms
M/B ratio=33:66
¾
33 (10pps)
17 (20pps)
¾
TIDP
Inter-digit-pause Time
¾
Pulse rate=10pps
¾
800
¾
ms
Pulse rate=20pps
¾
500
¾
TM
Pulse Make Duration
¾
A resistor is linked
between R2 and C1
¾
33 (10pps)
17 (20pps)
¾
ms
No resistor is linked
between R2 and C1
¾
40 (10pps)
20 (20pps)
¾
TB
Pulse Break Duration
¾
A resistor is linked
between R2 and C1
¾
66 (10pps)
33 (20pps)
¾
ms
No resistor is linked
between R2 and C1
¾
60 (10pps)
30 (20pps)
¾
Tone Mode Electrical Characteristics
FOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VTDC
DTMF Output DC Level
¾¾
0.45VDD
¾
0.7VDD
V
ITOL
DTMF Sink Current
2.5V VDTMF=0.5V
0.1
¾¾
mA
VTAC
DTMF Output AC Level
¾ Row group, RL=5kW
0.12
0.155
0.18
Vrms
RL
DTMF Output Load
2.5V THD
£-23dB
5
¾¾
k
W
ACR
Column Pre-emphasis
2.5V Row group=0dB
1
2
3
dB
THD
Tone Signal Distortion
2.5V RL=5k
W¾
-30
-23
dB
TTMIN
Minimum Tone Duration
¾ Auto-redial
¾
82.5
¾
ms
TITPM
Minimum Inter-tone Pause
¾ Auto-redial
¾
85.5
¾
ms
THD (Distortion) (dB) = 20 log
(
)
V1
V2
... Vn / Vi
Vh
22
2
22
++ +
+
Vi, Vh: Row group and column group signals
V1, V2, ... Vn: Harmonic signals (BW=300Hz~3500Hz)
HT9315 Series
Rev. 1.20
6
October 1, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com