Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9315C Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9315C
Description  15-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9315C Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9315C Datasheet HTML 1Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 2Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 3Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 4Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9315C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Electrical Characteristics
FOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2
¾
5.5
V
IDD
Operating Current
2.5V
Pulse
Off-hook
Keypad entry
No load
¾
0.2
1
mA
Tone
¾
0.6
2
mA
ISTB
Standby Current
1V
On-hook, no load
No entry
¾¾
1
mA
VR
Memory Retention Voltage
¾¾
1
5.5
V
IR
Memory Retention Current
1V
On-hook
¾
0.1
0.2
mA
VIL
Input Low Voltage
¾¾
VSS
¾
0.2VDD
V
VIH
Input High Voltage
¾¾
0.8VDD
¾
VDD
V
IXMO
XMUTE Leakage Current
¾
VXMUTE=12V, No entry
¾¾
1
mA
IOLXM
XMUTE Sink Current
2.5V
VXMUTE=0.5V
1
¾¾
mA
IHKS
HKS Pin Input Current
2.5V
VHKS=2.5V
¾¾
0.1
mA
RHFI
HFI Pull-Low Resistance
2.5V
VHFI=2.5V
¾
200
¾
k
W
RHDI
HDI Pull-High Resistance
2.5V
VHDI=0V
¾
200
¾
k
W
IOH1
Keypad Pin Source Current
2.5V
VOH=0V
-4
¾-40
mA
IOL1
Keypad Pin Sink Current
2.5V
VOL=2.5V
200
400
¾mA
IOH2
HFO Pin Source Current
2.5V
VOH=2V
-1
¾¾
mA
IOL2
HFO Pin Sink Current
2.5V
VOL=0.5V
1
¾¾
mA
IOH3
HDO Pin Source Current
2.5V
VOH=2V
-1
¾¾
mA
IOL3
HDO Pin Sink Current
2.5V
VOL=0.5V
1
¾¾
mA
TFP
Pause Time After Flash
¾
Control key
¾
0.2
¾
s
Digit key
¾
1
¾
TRP
One-key Redialing Pause Time
¾
One-key redialing
¾
1
¾
s
TDB
Key-in Debounce Time
¾¾
¾
20
¾
ms
TBRK
Break Time for One-key Redialing
¾
One-key redialing
¾
1.2
¾
s
FOSC
System Frequency
¾
Crystal=3.5795MHz
3.5759
3.5795
3.5831
MHz
HT9315 Series
Rev. 1.20
5
October 1, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com