Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8545SQ/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP8545SQ/NOPB
Description  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545SQ/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8545SQ/NOPB Datasheet HTML 17Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 18Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 19Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 20Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 21Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 22Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 23Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 24Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Time
VBOOST
Driver
headroom
VBOOST
LP8545
www.ti.com
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
VBOOST[4:0]
Voltage (typical)
00100
4
14
...
...
...
11101
29
39
11110
30
40
11111
31
40
If resistor divider is used for the FB pin to get higher output voltage with external FET, the boost output voltages
are scaled accordingly.
Adaptive Boost Control
Adaptive boost control function adjusts the boost output voltage to the minimum sufficient voltage for proper LED
driver operation. The output with highest VF LED string is detected and boost output voltage adjusted
accordingly. Driver headroom can be adjusted with <DRIVER_HEADR[2:0]> EEPROM bits from ~300 mV to
1200 mV. Boost adaptive control voltage step size is 125 mV. Boost adaptive control operates similarly with and
without PSPWM.
Figure 17. Boost Adaptive Control Principle with PSPWM
Fault Detection
LP8545 has fault detection for LED fault, low-battery voltage, over-current and thermal shutdown. The open drain
output pin (FAULT) can be used to indicate occurred fault. The cause for the fault can be read from status
register. Reading the fault register will also reset the fault. Setting the EN pin low will also reset the faults, even if
an external 5V line is used to power VLDO pin.
LED Fault Detection
With LED fault detection, the voltages across the LED drivers are constantly monitored. LED fault detection is
enabled with <EN_LED_FAULT> EEPROM bit. Shorted or open LED string is detected.
If LED fault is detected:
•
The corresponding LED string is taken out of boost adaptive control loop;
•
Fault bits are set in the fault register to identify whether the fault has been open/short and how many strings
are faulty; and
•
Fault open-drain pin is pulled down.
LED fault sensitivity can be adjusted with <LED_FAULT_THR[1:0]> EEPROM bits which sets the allowable
variation between LED output voltage from 2.3V to 5.3V. Depending on application and how much variation there
can be in normal operation between LED string forward voltages this setting can be adjusted.
Fault is cleared by setting EN pin low or by reading the fault register.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com