Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8545SQ/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP8545SQ/NOPB
Description  High-Efficiency LED Backlight Driver for Notebooks
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8545SQ/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8545SQ/NOPB Datasheet HTML 4Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 5Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 6Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 7Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 8Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 9Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 10Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 11Page - Texas Instruments LP8545SQ/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
LP8545
SNVS635D – APRIL 2010 – REVISED DECEMBER 2013
www.ti.com
LOGIC INTERFACE CHARACTERISTICS
Symbol
Parameter
Condition
Min
Typ
Max
Units
Logic Input EN
VIL
Input Low Level
0.4
V
VIH
Input High Level
1.2
V
II
Input Current
-1.0
1.0
µA
Logic Input VSYNC
VIL
Input Low Level
0.4
V
VIH
Input High Level
2.2
V
II
Input Current
-1.0
1.0
µA
fVSYNC
Frequency Range
58
60
55000
Hz
Logic Input PWM
VIL
Input Low Level
0.4
V
VIH
Input High Level
2.2
V
II
Input Current
-1.0
1.0
µA
Logic Inputs SCL, SDA
VIL
Input Low Level
0.2xVDDIO
V
VIH
Input High Level
0.8xVDDIO
V
II
Input Current
-1.0
1.0
µA
Logic Outputs SDA, FAULT
VOL
Output Low Level
IOUT = 3 mA (pull-up current)
0.3
0.5
V
IL
Output Leakage Current
VOUT = 2.8V
-1.0
1.0
µA
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP8545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com