Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8551TLE/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLE/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLE/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP8551TLE/NOPB Datasheet HTML 26Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 27Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 28Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 29Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 30Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 31Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 32Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 33Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
LP8551
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
www.ti.com
8.6.2.3 EEPROM Address 1
Address A1h
EEPROM ADDRESS 1 U
7
6
5
4
3
2
1
0
BOOST_FREQ[1:0]
EN_LED_FAULT
TEMP_LIM[1:0]
SLOPE[2:0]
Name
Bit
Access
Description
BOOST_FREQ
7:6
R/W
Boost Converter Switch Frequency
00 = 156 kHz
01 = 312 kHz
10 = 625 kHz
11 = 1250 kHz
EN_LED_FAULT
5
R/W
Enable LED fault detection
0 = LED fault detection disabled
1 = LED fault detection enabled
TEMP_LIM
4:3
R/W
Thermal deration function temperature threshold
00 = thermal deration function disabled
01 = 110°C
10 = 120°C
11 = 130°C
SLOPE
2:0
R/W
Slope time for brightness change
000 = Slope function disabled, immediate brightness change
001 = 50 ms
010 = 75 ms
011 = 100 ms
100 = 150 ms
101 = 200 ms
110 = 300 ms
111 = 500 ms
30
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com