Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8551TLE/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLE/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLE/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8551TLE/NOPB Datasheet HTML 9Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 10Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 11Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 12Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 13Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 14Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 15Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 16Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
PWM input
signal
PWM
detector
5 MHz
clock
13-bit
PWM
comparator
PWM
Counter
Brightness
control
BRT_MODE
[1:0]
Temperature
sensor
12-bit
Brightness
register
8-bit
Resolution
selector
13-bit
PWM_FREQ[4:0]
8...13-bit
SLOPE[3:0]
16-bit
Sloper
13-bit
0/1
LED Drivers
1-4
PLL clock 5...40 MHz
PWM_RESOLUTION
[1:0]
HYSTERESIS
[1:0]
...
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
8.3.2.4 PWM Calculation Data Flow
Figure 9 shows the PWM calculation data flow. In PWM direct control mode most of the blocks are bypassed,
and this flow chart does not apply.
Figure 9. PWM Calculation Data Flow
8.3.2.5 PWM Detector
The PWM detector block measures the duty cycle of the input PWM signal. Resolution depends on the input
signal frequency. Hysteresis selection sets the minimum allowable change to the input. If smaller change is
detected, it is ignored. With hysteresis the constant changing between two brightness values is avoided if there is
small jitter in the input signal.
8.3.2.6 Brightness Control
Brightness control block gets 13-bit value from the PWM detector, 12-bit value from the temperature sensor, and
also 8-bit value from the brightness register. <BRT_MODE[1:0]> selects whether to use PWM input duty cycle
value or the brightness register value as described earlier. Based on the temperature sensor value the duty cycle
is reduced if the temperature has reached the temperature limit set to the <TEMP_LIM[1:0]> EEPROM bits.
8.3.2.7 Resolution Selector
Resolution selector takes the necessary MSB bits from the input data to match the output resolution. For
example if 11-bit resolution is used for output, then 11 MSB bits are selected from the input.
8.3.2.8 Sloper
Sloper makes the smooth transition from one brightness value to another. Slope time can be adjusted from 0 to
500 ms with <SLOPE[3:0]> EEPROM bits. The sloper output is 16-bit value.
8.3.2.9 PWM Comparator
The PWM counter clocks the PWM comparator based on the duty cycle value. Output of the PWM comparator
controls directly the LED drivers. If PSPWM mode is used, then the signal to each LED output is delayed certain
amount.
8.3.2.10 Current Setting
Maximum current of the LED outputs is controlled with CURRENT[7:0] EEPROM register bits linearly from 0 to
30 mA. If <EN_I_RES> = 1 the maximum LED output current can be scaled also with external resistor, RISET.
RISET controls the LED current as follows:
(1)
Default value for CURRENT[7:0] = 7Fh (127d). Therefore, the output current can be calculated as follows:
(2)
For example, if a 16-k
Ω RISET resistor is used, then the LED maximum current is 23 mA.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com