Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8551TLX/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
LP8551
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
www.ti.com
8.6.1.8 EEPROM Control
Address 72h
Reset value 0000 0000b
EEPROM CONTROL REGISTER
7
6
5
4
3
2
1
0
EE_READY
EE_INIT
EE_PROG
EE_READ
Name
Bit
Access
Description
EE_READY
7
R
EEPROM ready
0 = EEPROM programming or read in progress
1 = EEPROM ready, not busy
EE_INIT
2
R/W
EEPROM initialization bit. This bit must be written 1 before EEPROM read or
programming.
EE_PROG
1
R/W
EEPROM programming.
0 = Normal operation
1 = Start the EEPROM programming sequence. EE_INIT must be written 1 before
EEPROM programming can be started. Programs data currently in the EEPROM
registers to non volatile memory (NVM). Programming sequence takes about 200
ms. Programming voltage is generated inside the chip.
EE_READ
0
R/W
EEPROM read
0 = Normal operation
1 = Reads the data from NVM to the EEPROM registers. Can be used to restore
default values if EEPROM registers are changed during testing.
Programming sequence (program data permanently from registers to NVM):
1. Turn on the chip by writing BL_CTL bit to 1 and BRT_MODE[1:0] to 10b (05h to address 01h)
2. Write data to EEPROM registers (address A0h…A7h)
3. Write EE_INIT to 1 in address 72h. (04h to address 72h)
4. Write EE_PROG to 1 and EE_INIT to 0 in address 72h. (02h to address 72h)
5. Wait 200 ms.
6. Write EE_PROG to 0 in address 72h. (00h to address 72h)
Read sequence (load data from NVM to registers):
1. Turn on the chip by writing BL_CTL bit to 1 and BRT_MODE[1:0] to 10b (05h to address 01h).
2. Write EE_INIT to 1 in address 72h. (04h to address 72h)
3. Write EE_READ to 1 and EE_INIT to 0 in address 72h. (01h to address 72h)
4. Wait 200 ms.
5. Write EE_READ to 0 in address 72h. (00h to address 72h)
NOTE
Data written to EEPROM registers is effective immediately even if the EEPROM
programming sequence has not been done. When power is turned off, the device,
however, loses the data if it is not programmed to the NVM. During start-up the device
automatically loads the data from NVM to registers.
NOTE
EEPROM NVM can be programmed or read by customer for bench validation.
Programming for production devices should be done in TI production test, where
appropriate checks are performed to confirm EEPROM validity. Writing to EEPROM
Control register of production devices is not recommended. If special EEPROM
configuration is required, please contact the TI Sales Office for availability.
28
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com