Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8551TLX/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLX/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLX/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP8551TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 40Page - Texas Instruments LP8551TLX/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
9.2.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range, VBATT
2.7 V to VOUT
5-V input rail, VLDO/VIN
4.5 V to 5.5 V, 10 mA
Brightness Control
PWM input duty cycle (default), I2C can be used as well
PWM output frequency
With RFSET resistor 85 kΩ to100 kΩ; 9.8 kHz with PSPWM enabled
LED Current
With RISET resistor 15 kΩ; 25 mA / channel
Brightness slopes
200-ms linear slope + advanced slope
External set resistors
Enabled
Inductor
10 µH to 33 µH, with 2.5-A saturation current
Boost SW frequency
625 kHz
SW current limit
2.5 A
9.2.2.2 Detailed Design Procedure
Component selection follows Detailed Design Procedure section above. VLDO capacitor voltage rating can be set
based on the 5-V rail voltage specification, which must be <5.5 V in all cases. Note that UVLO is detected from
the VIN pin voltage, not from the VBATT voltage.
9.2.2.3 Application Curves
Typical Boost and LED current behavior is seen in the Application Curves section.
10 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.7 V and 22 V. This input supply
should be well regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even at load transition condition (start-up or rapid brightness change). The resistance of the input
supply rail should be low enough that the input current transient does not cause drop high enough in the LP8551
supply voltage that can cause false UVLO fault triggering.
If a separate 5-V power rail is used to power LP8551 VLDO/VIN pins, this voltage must be stable 4.5 V to 5 V.
Excessive noise or ripple in this rail can have adverse effect on device performance, so good grounding and
sufficient bypass capacitors must be used.
If the input supply is located more than a few inches from the LP8551 additional bulk capacitance may be
required in addition to the ceramic bypass capacitors. Depending on device EPROM configuration and usage
case the boost converter is configured to operate optimally with certain input voltage range. Examples are seen
in the Detailed Design Procedure section. In uncertain cases, it is recommended to contact a TI Sales
Representative for confirmation of the compatibility of the use case, EPROM configuration, and input voltage
range.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com