Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLE-C/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-C/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-C/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP8725TLE-C/NOPB Datasheet HTML 27Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 28Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 29Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 30Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 31Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 32Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 33Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 34Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
Internal Synchronous Rectification
While in PWM mode, the DC-DC convertor uses an internal NFET as a synchronous rectifier to reduce rectifier
forward voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
Current Limiting
A current limit feature allows the DC-DC convertor to protect itself and external components during overload
conditions. PWM mode implements current limit using an internal comparator that trips at 1.05A (typ.) assuming
IOUT = 600 mA. If the output is shorted to ground and output voltage becomes lower than 0.3V (typ.), the device
enters a timed current limit mode where the switching frequency will be one fourth, and NFET synchronous
rectifier is disabled, thereby preventing excess current and thermal runaway.
The current limit for each DC-DC convertor is selectable via serial interface by registers 0x09 bits 6, 7 and 0x0B
bits 6, 7. The current limit selected should be ~ 1.5x to2x greater than the output current required.
ECO Mode Operation
By default the DC-DC converter will be in Auto (ECO/PWM) Mode . By doing so the part switches from ECO
(ECOnomy) state to PWM (Pulse Width Modulation) state based on output load current. At light loads (less than
75mA approx) the converter enters ECO mode. In this mode the part operates with low Iq. During ECO operation
the converter positions the output voltage slightly higher (+30mV typ.) than the nominal output voltage in PWM
operation. Because the reference is set higher, the output voltage increases to reach the target voltage when the
part goes from sleep state to switching state. Once this voltage is reached the converter enters sleep mode,
thereby reducing switching losses and improving light load efficiency. The output voltage ripple is slightly higher
in ECO mode (30mV p–p typ.).
Figure 14. Typical ECO Operation
Note that ground noise may impact quiescent current in ECO mode and care at board layout is important to
minimize this risk. See section on layout guidelines.
Startup
The LP8725 bucks have a ‘soft-start’ feature to limit the in-rush current. This prevents large current spikes and
voltage overshoot and also limits the cases in which the inductor may saturate. At or close to 0V the inrush
current to the capacitor (and load) is limited to its short circuit protection limit of typically 500 mA. Above a
threshold of around 150 mV, the current limit is increased to the buck’s peak current limit set by the control
registers. (For a 600 mA max load this is set to approx. 1050 mA.)
While in short-circuit protection, the output switches off, but will continue to attempt to restart. If the total
capacitance on the buck output is large or if the inductor value drops too low, the threshold might never be
reached, so the buck may not start. See Inductor Selection and Output Capacitor Selection sections.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com