Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLE-C/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-C/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-C/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8725TLE-C/NOPB Datasheet HTML 2Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 3Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 4Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 5Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 6Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 7Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 8Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 9Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
LP8725
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
www.ti.com
DEVICE DESCRIPTION
Operation Modes
POWER-ON-RESET: In SUB_PMU configuration - After VIN1 goes above UVLO high threshold, then all internal
registers of LP8725 are reset to the default values from the DEFSEL setting, after which LP8725 goes to
STANDBY mode. In PMU configuration - When PWR_ON goes high while VIN1 is above the UVLO high
threshold, all internal registers of LP8725 are reset to the default values from the DEFSEL setting. This
process duration max is typically 500 µs.
STANDBY: In STANDBY mode only serial interface is working and all other PMU functions are disabled – PMU
is in low-power condition. In STANDBY mode LP8725 can be (re)configured via Serial Interface. The
LP8725 only enters STANDBY mode automatically in SUB_PMU configuration.
STARTUP: STARTUP sequence is defined by registers contents. STARTUP sequence starts:
1) If rising edge on EN-pin in SUB_PMU configuration.
2) After cooling down from thermal shutdown event if EN=1 in SUB_PMU configuration.
3) If PWR_ON is still high after 30 ms (typical de-bounce time) in PMU configuration. It is not
recommended to write to LP8725 registers during STARTUP. If doing so then current STARTUP
sequence may become undefined.
In SUB_PMU configuration RESET_N is de-asserted 30 ms (typical) after EN=1. In PMU configuration
RESET_N is de-asserted a further 30 ms (typical) after PWR_ON de-bounce time has ended.
It is not recommended to write to LP8725 registers during startup. If doing so then current STARTUP
sequence may become undefined.
IDLE: The LP8725 will enter into IDLE mode (normal operating mode) after end of startup sequence. In IDLE
mode all LDOs and BUCK can be enabled/disabled via Serial Interface. Also in IDLE mode the LP8725
can be (re)configured via Serial Interface.
SHUTDOWN: SHUTDOWN sequence follows the reverse order of the startup sequence defined by registers
contents:
1) If falling edge on EN-pin in SUB_PMU configuration.
2) If PS_HOLD and PWR_ON both go low for typically 30 ms in PMU configuration. Device immediately
shuts down if the temperature exceeds thermal shutdown threshold TSD +160°C.
RESET_N is asserted when the device starts to shut down.
It is not recommended to write to LP8725 registers during SHUT DOWN. If doing so then current
SHUTDOWN sequence may become undefined.
In SUB_PMU configuration the device shuts down to STANDBY mode.
In PMU configuration the device shuts down completely (so registers will be reset on next PWR_ON high).
SLEEP: The load current for each of the LDO outputs should be no greater than 5mA when the device is put into
SLEEP mode. In Sleep mode Ground current is minimized. SLEEP mode is controlled by the serial
interface, Register 0x00 bit 1.
SLEEP Mode is controlled by the Serial Interface.
Table 1. Application Configuration(1)(2)
CONFIG
Application
Pin B3 Function
Pin E3 Function
Slave Address,
Slave Address,
DEFSEL = 1
DEFSEL = 0
GND
SUB_PMU
B2_EN
EN
7h'78
7h'7A
VIN1
PMU
PS_HOLD
PWR_ON
7h'79
7h'7B
(1)
The LP8725 and LP8725-A are both configured as either SUB_PMU or PMU by the wiring of the CONFIG pin on the application of
power to the device.
(2)
These are dependent on whether DEFSEL is connected to VIN1 or GND when PWR_ON/EN=1.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com