Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLE/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8725TLE/NOPB Datasheet HTML 17Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 18Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 19Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 20Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 21Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 22Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 23Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 24Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
CURRENT CONSUMPTION
Unless otherwise noted, VIN1=VIN2=VIN3=VINB1=VINB2=VINLILO1=VINLILO2=3.6V; CLDOX=1µF; CBUCKOUT=CBUCKIN=4.7 µF;
CVIN1–3=CVINLILO1=CVINLILO2=2.2 µF. Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TJ= -40 to +125°C.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ(STANDBY)
Standby Current
All outputs disabled EN = 0
3.3
8
IQ(SLEEP)
Current in SLEEP Mode at
Outputs disabled via control registers
50
80
no load
Only Buck1 and LDO1 enabled
95
All outputs enabled
205
280
µA
IQ(IDLE)
Current at no load
Outputs disabled via control registers
145
210
Only Buck1 and LDO1 enabled
205
All outputs enabled
420
600
(1)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not verified, but do represent the most likely
norm.
THERMAL SHUTDOWN
The Thermal Shutdown (TSD) function monitors the chip temperature (TJ) to protect the chip from temperature damage
caused, e.g., by excessive power dissipation.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TSD
160
°C
TSD Hysteresis
20
°C
(1)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not verified, but do represent the most likely
norm.
UNDER-VOLTAGE LOCK OUT
This device has Under-Voltage Lock Out (UVLO) that checks VIN1-pin voltage before starting Power On sequence. UVLO is
also checked during Power On sequence. If the VDD voltage is less than UVLO threshold the PMU will not Power On. After
the PMU successfully passed Power On sequence UVLO is not monitored.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CONFIG = 0
2.3
UVLO Threshold
V
VIN1 rising
CONFIG = 1
2.825
3.0
3.185
VUVLO
CONFIG = 0
400
Hysteresis
mV
CONFIG = 1
800
(1)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not verified, but do represent the most likely
norm.
LOGIC AND CONTROL
Unless otherwise noted, VIN1=VIN2=VIN3=VINB1 =VINB2=VINLILO1=VINLILO2=3.6V; CLODX=1µF; CBUCKOUT=CBUCKIN=4.7 µF,
CVIN1–3=CVINLILO1CVINLILO2=2.2 µF. Typical values and limits appearing in normal type apply for TJ=25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, TJ= -40 to +125°C.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Logic and Control Inputs
VIL
Input Low Level
EN, SCL, SDA, DVS, PS_HOLD,
0.4
V
PWR_ON BUCK2_EN, LDO3_EN
VIH
Input High Level
EN, SCL, SDA, DVS, PS_HOLD
1.2
V
PWR_ON, BUCK2_EN, LDO3_EN
IIL
Input Low Level Current
EN, SCL, SDA, DVS, PS_HOLD
PWR_ON, DVS, DEFSEL, CONFIG,
0
2
µA
BUCK2_EN, LDO3_EN
VIL = 0V
(1)
Min and Max limits are specified by design, test or statistical analysis. Typical numbers are not verified, but do represent the most likely
norm.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com