Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8725TLE/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8725TLE/NOPB Datasheet HTML 3Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 4Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 5Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 6Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 7Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 8Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 9Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 10Page - Texas Instruments LP8725TLE/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
STANDBY
IDLE
SLEEP
OFF
UVLO=1
(POR)
EN=1
STARTUP SEQ
EN=0
SHUTDOWN SEQ
SLEEP_MODE=0
SLEEP_MODE=1
IDLE
PS_HOLD=1
SLEEP
OFF
UVLO=1
AND
PWR_ON=1
(POR AND
STARTUP
SEQ)
PS_HOLD=0
(SHUTDOWN SEQ)
SLEEP_MODE=0
SLEEP_MODE=1
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
Figure 1. SUB-PMU Mode, CONFIG = 0
Figure 2. PMU Mode, CONFIG = 1
Additional Functions
DVS: Dynamic Voltage Scaling allows using 2 set voltages for BUCKs. This is controlled via Serial Interface.
BUCK1 can also be controlled by the external DVS pin.
FAULT DETECTION If BUCK1/BUCK2 and LDO1 are not masked then if one of the outputs is pulled down - e.g.,
short circuit, then RESET_N is asserted (low)..
Table 2. Default Start-Up Enable Sequence(1)
Part No.
DEFSEL
Start-Up Sequence
Shut Down Sequence
LP8725
VIN1 (setup 1)
BUCK1 then BUCK2 and LILO2 then LDO1, LDO2, LDO4
In reverse order of start-up
and LDO5 then LDO3 and LILO1
sequence.
LP8725
GND (setup 2)
BUCK1 and LILO2 then BUCK2, LDO1, LDO2, LDO5 and
In reverse order of start-up
LILO1 then LDO3 and LDO4.
sequence.
LP8725-A
VIN1 (setup 1)
LDO1, LDO2, LDO5 and LILO1 then LDO4 and LILO2
In reverse order of start-up
sequence.
LP8725-A
GND (setup 2)
BUCK1 and BUCK2 then LDO2 and LDO3 then LDO1,
In reverse order of start-up
LDO4 and LDO5 then LILO1 and LILO2
sequence.
LP8725-B
VIN1 or GND
BUCK1 then BUCK2 then LDO1 then LILO2
In reverse order of start-up
sequence.
LP8725-C
VIN1 or GND
BUCK1 then BUCK2 and LDO5 then LDO1 and LDO2 and
In reverse order of start-up
LILO 1and LILO 2 then LDO3 and LDO4
sequence.
LP8725-D
VIN1 or GND
BUCK1 then BUCK2, LDO3, LILO1 and LILO2
In reverse order of start-up
sequence.
(1)
These are dependent on whether DEFSEL is connected to VIN1 or GND when PWR_ON/EN=1.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com