Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 35Page - Texas Instruments LP8754 Datasheet HTML 36Page - Texas Instruments LP8754 Datasheet HTML 37Page - Texas Instruments LP8754 Datasheet HTML 38Page - Texas Instruments LP8754 Datasheet HTML 39Page - Texas Instruments LP8754 Datasheet HTML 40Page - Texas Instruments LP8754 Datasheet HTML 41Page - Texas Instruments LP8754 Datasheet HTML 42Page - Texas Instruments LP8754 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
Table 8. Suggested Input/Output Capacitors (X5R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
VOLTAGE RATING
Murata
GRM188R60J106ME84
10 µF (20%)
0603
6.3 V
TDK
C1608X5R1A106KT
10 µF (10%)
0603
10 V
Taiyo Yuden
LMK107BJ106MALTD
10 µF (20%)
0603
10 V
Samsung
CL10A226MP8NUNE
22 µF (20%)
0603
10 V
Samsung
CL03A105MQ3CSNH
1 µF (20%)
0201
6.3 V
8.2.2.3 Output Capacitor Selection
Use ceramic capacitor, X7R or X5R types; do not use Y5V. DC bias voltage characteristics of ceramic capacitors
must be considered. DC bias characteristics vary from manufacturer to manufacturer, and DC bias curves should
be requested from them as part of the capacitor selection process. The output filter capacitor smooths out current
flow from the inductor to the load, helps maintain a steady output voltage during transient load changes and
reduces output voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently low
ESR to perform these functions. Minimum effective output capacitance to ensure good performance in 6-phase
configuration is 30 µF at the output voltage DC bias including tolerances and over ambient temp range.
The output voltage ripple is caused by the charging and discharging of the output capacitor and also due to its
RESR. The RESR is frequency dependent (as well as temperature dependent); make sure the value used for
selection process is at the switching frequency of the part. See suggested capacitors in Table 8.
A higher output capacitance improves the load step behavior and reduces the output voltage ripple as well as
decreasing the PFM switching frequency. For most 6-phase applications 4 x 22 µF 0603 capacitors for COUT is
suitable. Although the converter's loop compensation can be programmed to adapt to virtually several hundreds
of microfarads COUT, an effective COUT less than 120 µF is preferred -- there is not necessarily any benefit to
having a COUT higher than 120 µF. Note that the output capacitor may be the limiting factor in the output voltage
ramp, especially for very large (> 100 µF) output capacitors. For large output capacitors, the output voltage might
be slower than the programmed ramp rate at voltage transitions, because of the higher energy stored on the
output capacitance. Also at start-up, the time required to charge the output capacitor to target value might be
longer. At shutdown, if the output capacitor is discharged by the internal discharge resistor, more time is required
to settle VOUT down as a consequence of the increased time constant.
8.2.2.4 LDO Capacitor Selection
A ceramic low ESR 1.0-
μF capacitor should be connected between the VLDO and GNDA pins
8.2.2.5 VIOSYS Capacitor Selection
Adding a ceramic low ESR 1.0-
μF capacitor between the VIOSYS pin and GND is recommended. If VVIOSYS
signal is low noisy the capacitor is not required.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com