Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8754 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8754 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8754 Datasheet HTML 9Page - Texas Instruments LP8754 Datasheet HTML 10Page - Texas Instruments LP8754 Datasheet HTML 11Page - Texas Instruments LP8754 Datasheet HTML 12Page - Texas Instruments LP8754 Datasheet HTML 13Page - Texas Instruments LP8754 Datasheet HTML 14Page - Texas Instruments LP8754 Datasheet HTML 15Page - Texas Instruments LP8754 Datasheet HTML 16Page - Texas Instruments LP8754 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
47.0
48.0
49.0
50.0
51.0
52.0
53.0
54.0
55.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE (V)
C010
120
122
124
126
128
130
132
134
136
138
140
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE (V)
C001
0
1
2
3
4
5
6
7
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LOAD CURRENT (A)
500 mA
600 mA
700 mA
800 mA
900 mA
1000 mA
C017
0
1
2
3
4
5
6
7
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
LOAD CURRENT (A)
300 mA
400 mA
500 mA
600 mA
700 mA
800 mA
C018
SCL
SDA
tLOW
trCL
tHD;DAT
tHIGH
tfCL
tSU;DAT
tSU;STA
tSU;STO
START
REPEATED
START
STOP
tHD;STA
START
tSP
trDA
tBUF
tfDA
tHD;STA
LP8754
www.ti.com
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
Figure 1. I2C Timing
6.10 Typical Characteristics
Unless otherwise specified: VVDDA5V = VVINBXX = 3.7 V, VOUT = 1.1 V, TA = 25°C
Figure 2. Phase Adding vs Load Current with Different Level
Figure 3. Phase Shedding vs Load Current with Different
Settings
Level Settings
VVIOSYS = 1.8 V
VNRST = 0 V
Low-Power Mode
No load
One core active
Figure 4. Standby Mode Current Consumption vs VIN
Figure 5. Low-Power PFM Mode Current Consumption vs
VIN
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com