Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8900TLE-AAEC/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8900TLE-AAEC/NOPB
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-AAEC/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8900TLE-AAEC/NOPB Datasheet HTML 2Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 3Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 4Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 5Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 6Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 7Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 8Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 9Page - Texas Instruments LP8900TLE-AAEC/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
LP8900
SNVS542E – MAY 2008 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted, VEN = 1.2 V, VIN = VOUT + 0.5 V, or 1.8 V, whichever is higher (where VOUT is the higher of VOUT1 and
VOUT2), CIN = COUT = 1 µF, and IOUT = 1 mA. Typical values apply for TA = 25°C; minimum and maximum values apply over the
full junction temperature range for operation,
−40 to +125°C, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSIENT CHARACTERISTICS
Line transient response
|
δVOUT|
Trise = Tfall = 30 µs
δVIN = 600 mV
1
mV
(pk - pk)
Transient
response
Load transient response
|
δVOUT|
Trise = Tfall = 1 µs
IOUT = 1 mA to 200 mA
80
mV
IOUT = 200 mA to 1 mA
70
Overshoot on start-up
0%
1%
7.6 Timing Requirements
Nominal values apply for TA = 25°C; minimim and maximum values apply over the full junction temperature range for
operation,
−40 to +125°C, unless otherwise specified.
MIN
NOM
MAX
UNIT
TON
Turnon time to 95% level, VOUT(NOM)
80
200
µs
TOFF
Turnoff Time, 5% of VOUT(NOM), IOUT = 0 mA
0.4
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com